Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1A Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST802RT1A
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST802RT1A Datasheet HTML 23Page - STMicroelectronics ST802RT1A Datasheet HTML 24Page - STMicroelectronics ST802RT1A Datasheet HTML 25Page - STMicroelectronics ST802RT1A Datasheet HTML 26Page - STMicroelectronics ST802RT1A Datasheet HTML 27Page - STMicroelectronics ST802RT1A Datasheet HTML 28Page - STMicroelectronics ST802RT1A Datasheet HTML 29Page - STMicroelectronics ST802RT1A Datasheet HTML 30Page - STMicroelectronics ST802RT1A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
ST802RT1A, ST802RT1B
Registers and descriptors description
Doc ID 17049 Rev 1
27/58
Next page: Indicates whether this is the last next page.
Msg page: Differentiates a message page from an unformatted page.
Ack2: Indicates that link partner has the ability to comply with the message.
Toggle: Used by the arbitration function to ensure synchronization with the link partner
during next page exchange.
Message code field: An 11-bit wide field, encoding 2048 possible messages.
Unformatted code field: An 11-bit wide field, which may contain an arbitrary value.
Table 19.
RN10 [0d16, 0x10]: RMII-TEST control register
Bit
Bit name
Description
Default
RW
type
Type
15:14
RESERVED
---
000b
RO
-
13
RESERVED
---
000b
RW
-
12:11
RESERVED
---
10b
RO
-
10
RESERVED
---
0b
RW
-
9
MII Enable
1 -> MII enabled
0 -> MII disabled, RMII enabled [see bit 10]
Strap
RW
-
8:6
RESERVED
---
000b
RW
-
5
FEF Enable
1 -> Far end fault enabled (only if auto-negotiation is
disabled)
0 -> Far end fault not enabled
0RW
-
4:3
RESERVED
---
00b
RO
-
2
FIFO-Extended
1 -> Extended FIFO mechanism for RMII enabled
0 -> Normal operation
This bit extends elasticity buffer size in RMII interface
0RW
-
1
RMII_OOBS
1 -> Out-of-band signaling enabled
0 -> Normal operation
To transfer no-TX/RX information (i.e. speed, link, duplex
mode) when TX_EN/CRS_DV are de-asserted (RMII 1.2)
0RW
-
0
RESERVED
---
0
RW
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com