Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1A Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST802RT1A
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1A Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST802RT1A Datasheet HTML 29Page - STMicroelectronics ST802RT1A Datasheet HTML 30Page - STMicroelectronics ST802RT1A Datasheet HTML 31Page - STMicroelectronics ST802RT1A Datasheet HTML 32Page - STMicroelectronics ST802RT1A Datasheet HTML 33Page - STMicroelectronics ST802RT1A Datasheet HTML 34Page - STMicroelectronics ST802RT1A Datasheet HTML 35Page - STMicroelectronics ST802RT1A Datasheet HTML 36Page - STMicroelectronics ST802RT1A Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
ST802RT1A, ST802RT1B
Registers and descriptors description
Doc ID 17049 Rev 1
33/58
Block 10BaseT echo: Default 0. When enabled during 10BASE-T half-duplex transmit
operation, the TXEN signal does not echo onto the RXDV pin. The TXEN echoes onto the
CRS pin, and the CRS de-assertion directly follows the TXEN de-assertion.
SQE disable: Default 0. When asserted, it disables SQE pulses when operating in 10BASE-
T half-duplex mode.
Table 26.
RN1B [0d27, 0x1B]: Auxiliary mode 2 register
Bit
Bit name
Description
Default
RW
Type
Type
15:12
RESERVED
--
0000b
RO
-
11:10
RESERVED
--
00b
RW
-
9
LED Mode
1 ->
led_link pad: ON for link_up, BLINK for activity
led_speed pad: ON for 100 Mb, OFF for 10 Mb
led_act pad: ON for full-duplex, BLINK for collision
0 ->
led_link pad: ON for link_up
led_speed pad: ON for 100 Mb, OFF for 10 Mb
led_act pad: BLINK for activity
0RW
-
8
RESERVED
---
0
RO
P
7
Block 10Base-
T echo
1 -> Disables 10Base-T echo data on RX_DV
0 -> Normal operation
0RW
-
6:4
RESERVED
---
000b
RW
-
3
MI_SQE_DIS
0 -> Forces signal quality error generation (10Base-T,
half-duplex)
1 -> Normal operation
1RW
-
2:1
RESERVED
---
01b
RW
-
0
RESERVED
---
0
RO
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com