Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1A Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST802RT1A
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST802RT1A Datasheet HTML 13Page - STMicroelectronics ST802RT1A Datasheet HTML 14Page - STMicroelectronics ST802RT1A Datasheet HTML 15Page - STMicroelectronics ST802RT1A Datasheet HTML 16Page - STMicroelectronics ST802RT1A Datasheet HTML 17Page - STMicroelectronics ST802RT1A Datasheet HTML 18Page - STMicroelectronics ST802RT1A Datasheet HTML 19Page - STMicroelectronics ST802RT1A Datasheet HTML 20Page - STMicroelectronics ST802RT1A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
ST802RT1A, ST802RT1B
Registers and descriptors description
Doc ID 17049 Rev 1
17/58
6
Registers and descriptors description
All of the management data control and status registers in the ST802RT1x's register set are
accessed via a Write or Read operation on the serial MDIO port. This access requires a
protocol described in the MII management interface section.
6.1
Register list
Table 8.
List of registers
Address
Reg.
Index
Name
Default
value
Register description
00h – 0d
RN00
CNTRL
0x0000
Control register
01h – 1d
RN01
STATS
0x7849
Status register
02h – 2d
RN02
PHYID1
0x0203
PHY identifier register Hi
03h – 3d
RN03
PHYID2
0x8461
PHY identifier register Lo
04h – 4d
RN04
LDADV
0x05E1
Auto-negotiation advertisement register
05h – 5d
RN05
LPADV
0x0000
Auto-negotiation link partner ability register
06h – 6d
RN06
ANEGX
0x0004
Auto-negotiation expansion register
07h – 7d
RN07
LDNPG
0x2001
Auto-negotiation next page transmit register
08h – 8d
RN08
LPNPG
0x0000
Auto-negotiation link partner received next page register
Extended registers
10h – 16d
RN10
XCNTL
0x1200
RMII-TEST control register
11h – 17d
RN11
XSTAT
0x0000
Receiver configuration information and interrupt status register
12h – 18d
RN12
XRCNT
0x0100
Receiver event interrupts register
13h – 19d
RN13
XCCNT
0x0140
100Base-TX control register
14h – 20d
RN14
XDCNT
0x000A
Receiver mode control register
18h – 24d
RN18
AUXCS
0x0027
Auxiliary control register
19h – 25d
RN19
AUXSS
0x0000
Auxiliary status register
1Bh – 27d
RN1B
AUXM2
0x000A
Auxiliary mode 2 register
1Ch – 28d
RN1C
TSTAT
0x0820
10Base-T error and general status register
1Eh – 30d
RN1E
AMPHY
0x0000
Auxiliary PHY register
Shadow registers
1Fh - 31d
RN1F
BTEST
0x0000
Shadow Registers enable register
1Bh - 27d
RS1B
AUXS2
0x0000
MISC/status/error/test shadow register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com