Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1A Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST802RT1A
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1A Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST802RT1A Datasheet HTML 42Page - STMicroelectronics ST802RT1A Datasheet HTML 43Page - STMicroelectronics ST802RT1A Datasheet HTML 44Page - STMicroelectronics ST802RT1A Datasheet HTML 45Page - STMicroelectronics ST802RT1A Datasheet HTML 46Page - STMicroelectronics ST802RT1A Datasheet HTML 47Page - STMicroelectronics ST802RT1A Datasheet HTML 48Page - STMicroelectronics ST802RT1A Datasheet HTML 49Page - STMicroelectronics ST802RT1A Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
Device operation
ST802RT1A, ST802RT1B
46/58
Doc ID 17049 Rev 1
These two signals can be either driven by standard CMOS levels or by PECL levels. The
data coming from the optical transceiver are PECL signals and need to be converted to
CMOS level before being delivered to the data and clock recovery and then to the serial-to-
parallel interface to be transmitted to the digital portion.
7.20
PECL transmitter
This circuit is designed to acquire the data coming from the parallel-to-serial interface and
NRZ-to-NRZI converter, and to transmit it to the optical transceiver. In this case, the data is
received by the transmitter in a CMOS format and is transmitted to the optical portion in a
PECL format. See Figure 8 for the definition of PECL levels.
Table 32.
Configuration of signal detect voltage levels
SDn
SDp
Mode
Ground
Ground
TX mode
Ground
Positive voltage
Undefined state
Voltage>0.6
Voltage>0.6
Undefined state
PECLLOW(PECLMID)
PECLLOW
FX mode asserted, but no data valid on the line
PECLHIGH(PECLMID)
PECLLOW
FX mode asserted, but no data valid on the line
PECLHIGH
PECLHIGH
Undefined state
PECLLOW(PECLMID)
PECLHIGH
FX mode asserted, link OK and data valid
Figure 8.
PECL levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com