Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1A Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST802RT1A
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST802RT1A Datasheet HTML 10Page - STMicroelectronics ST802RT1A Datasheet HTML 11Page - STMicroelectronics ST802RT1A Datasheet HTML 12Page - STMicroelectronics ST802RT1A Datasheet HTML 13Page - STMicroelectronics ST802RT1A Datasheet HTML 14Page - STMicroelectronics ST802RT1A Datasheet HTML 15Page - STMicroelectronics ST802RT1A Datasheet HTML 16Page - STMicroelectronics ST802RT1A Datasheet HTML 17Page - STMicroelectronics ST802RT1A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
Pin description
ST802RT1A, ST802RT1B
14/58
Doc ID 17049 Rev 1
Pin n°
Name
Type
Description
34
X2
O
Xtal out. 25 MHz reference clock output. When an external 25 MHz crystal is
used, this pin is connected to one of its terminals. If an external clock source is
used, then this pin should be left open.
17
18
TXP
TXN
I/O
Differential transmit outputs (100Base-TX, 10Base-T). These pins output
directly to the transformer. When MDIX is enabled, they can work as RXP/RXN
25
48
SDP
SDN
I
Signal detect (ST802RT1B version only) see Table 5.
Connect a 100
Ω resistor between TXn and VCCA and between TXp and
VCCA to achieve the pseudo-emitter coupled logic (PECL) levels for the optical
transmitter. The PECL logical low level (PECLLOW) is approximately VCC-1.7 V,
the PECL logical middle level (PECLMID) is approximately VCC-1.32 V and the
PECL logical high level (PECLHIGH) is approximately VCC-0.9 V.
RESERVED in ST802RT1A the pins must be grounded through a 1.2 k
Ω
resistor
15
14
RXP
RXN
I/O
Differential receive inputs (100Base-TX, 10Base-T). These pins directly
output to the transformer. When MDIX is enabled they can work as TXP/TXN
21
IREF
O
Reference resistor/DC regulator output. Reference resistor connecting pin
for reference current, directly connect a 5.25 k
Ω ± 1% resistor to VSS.
28
LED_LINK
O, PU
Link LED. In Mode 1 and Mode 2 this pin indicates the status of the link. The
LED is ON when the link is good.
27
LED_SPEED
O, PU
Speed LED. This pin is driven on continually when 10Mb/s or 100Mb/s network
operating speed is detected.(All modes -> ON: 100Mb/s, OFF: 10Mb/s)
26
LED_ACT
O, PU
Activity/collision LED. This pin is driven on continually when a full-duplex
configuration is detected. This pin is driven on at a 20 Hz blinking frequency
when a collision status is detected in the half-duplex configuration. (Mode 2 ->
BLINK: activity - Mode 1 -> ON: full-duplex, BLINK: collision)
29
RESET
I
Reset (active-low). This input must be held low for a minimum of 1 ms to reset
the ST802RT1x. During power-up, the ST802RT1x is reset regardless of the
state of this pin. Reset is not complete before 1 ms plus an MDC transition.
9PWRDWN
I, PU,
OD
Power-down. This pin is an active low input in this mode and should be
asserted low to put the device in a power-down mode. During power-down
mode, TXP/TXN outputs and all LED outputs are 3-stated, and the MII interface
is isolated. The power-down functionality is achievable by software by asserting
bit 11 of register RN00.
10, 11
RESERVED
PD
(No connection) - Should be pulled low for normal operation through an external
resistor of 2.2 k
Ω
Digital power pins
32
OVDD
Supply
IO ring power supply (3.3 V)
36, 41
DVDD
Supply
Digital power (3.3 V)
12, 33,
47
GND
Ground Digital ground
Analog power pins
4, 13,
22, 24
VCCA
Supply
Analog power supply
Table 4.
Pin functions of the ST802RT1x (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com