Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1A Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST802RT1A
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1A Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST802RT1A Datasheet HTML 35Page - STMicroelectronics ST802RT1A Datasheet HTML 36Page - STMicroelectronics ST802RT1A Datasheet HTML 37Page - STMicroelectronics ST802RT1A Datasheet HTML 38Page - STMicroelectronics ST802RT1A Datasheet HTML 39Page - STMicroelectronics ST802RT1A Datasheet HTML 40Page - STMicroelectronics ST802RT1A Datasheet HTML 41Page - STMicroelectronics ST802RT1A Datasheet HTML 42Page - STMicroelectronics ST802RT1A Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
ST802RT1A, ST802RT1B
Device operation
Doc ID 17049 Rev 1
39/58
Wave-shaper and media signal driver: In order to reduce the energy of the harmonic
frequency of transmission signals, the device provides the wave-shaper prior to the line
driver to smooth out, but maintain symmetric, the rising/falling edge of the transmission
signals. The wave-shaped signals include the 100Base-TX and 10Base-T, and both are
passed to the same media signal driver.
7.2
100Base-TX receive operation
In the 100Base-TX receiving operation, the device provides the receiving functions of the
PMD, PMA, and PCS for receiving incoming data signals through a category 5 UTP cable
and an isolation transformer with a 1.414:1 turn ratio. It includes the adaptive equalizer and
baseline wander, data conversions of MLT3 to NRZI, NRZI to NRZ and serial-to-parallel, the
PLL for clock and data recovery, the de-scrambler, and the decoder for 5B/4B.
Adaptive equalizer and baseline wander: the high speed signals over the unshielded (or
shielded) twisted pair cable induces amplitude attenuation and phase shifting. Furthermore,
these effects depend on the signal frequency, cable type, cable length and the connectors of
the cabling. So a reliable adaptive equalizer and baseline wander to compensate for all the
amplitude attenuation and phase shifting are necessary. The transceiver provides robust
circuits to perform these functions.
MLT3 to NRZI decoder and PLL for data recovery: after receiving the proper MLT3 signals,
the device converts the MLT3 to NRZI code for further processing. The compensated NRZI
signals at 125 MHz are then passed to the phase lock loop circuits to extract the original
data and synchronous clock.
Data conversions of NRZI data to NRZ and serial-to-parallel: after data is recovered, the
signals are passed to the NRZI to NRZ converter to generate the 125 MHz serial bit stream.
This serial bit stream is packed to parallel 5B type for further processing. The NRZI to NRZ
conversion can be bypassed by clearing bit 7 of the RN13 register to 0.
De-scrambling and decoding of 5B/4B: The parallel 5B type data is passed to the
descrambler and 5B/4B decoder to extract the original MII nibble data.
Carrier sensing: the carrier sense (CRS) signal is asserted when the ST802RT1x detects
any 2 non-contiguous zeros within any 10-bit boundary of the receiving bit stream. CRS is
de-asserted when an ESD code-group or idle code-group is detected. In half-duplex mode,
CRS is asserted during packet transmission or receive. In full-duplex mode, CRS is
asserted only during packet reception.
RMII mode: this uses a reference clock (SCLK) of 50 MHz. 5B code groups are converted to
4-bit nibbles and the data is sent through a FIFO to the RMII receive data pins as dibits. In
case of an invalid code group in the data stream, the RXER signal is asserted and the 4 bits
of the receive data pins are driven with a specific code signalling the type of error detected.
For RMII mode, the CRS and RXDV pins combine their functionality into the RXDV pin (pin
38). The RXDV pin toggles at the end of a frame to indicate that the data is being emptied
from the internal FIFOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com