Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1A Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST802RT1A
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST802RT1A Datasheet HTML 16Page - STMicroelectronics ST802RT1A Datasheet HTML 17Page - STMicroelectronics ST802RT1A Datasheet HTML 18Page - STMicroelectronics ST802RT1A Datasheet HTML 19Page - STMicroelectronics ST802RT1A Datasheet HTML 20Page - STMicroelectronics ST802RT1A Datasheet HTML 21Page - STMicroelectronics ST802RT1A Datasheet HTML 22Page - STMicroelectronics ST802RT1A Datasheet HTML 23Page - STMicroelectronics ST802RT1A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
Registers and descriptors description
ST802RT1A, ST802RT1B
20/58
Doc ID 17049 Rev 1
be cleared by writing a “0” to bit 10 of the control register, or by resetting the chip. When this
bit is read, it returns a “1” when the chip is in isolate mode; otherwise it returns a “0”.
Restart auto-negotiation: Bit 9 of the control register is a self-clearing bit that allows the
auto-negotiation process to be restarted, regardless of the current status of the auto-
negotiation state machine. In order for this bit to have an effect, auto-negotiation must be
enabled. Writing a “1” to this bit restarts the auto-negotiation, while writing a “0” to this bit
has no effect. Since the bit is self-clearing after only a few cycles, it always returns a “0”
when read.
Full-duplex: By default, the ST802RT1x powers up in half-duplex mode. The chip can be
forced into full-duplex mode by writing a “1” to bit 8 of the control register while auto-
negotiation is disabled. Half-duplex mode can be resumed by writing a “0” to bit 8 of the
control register, or by resetting the chip.
Collision test: The COL pin may be tested during loop-back by activating the collision test
mode. While in this mode, asserting TXEN causes the COL output to go high within 512 bit
times. De-asserting TXEN causes the COL output to go low within 4 bit times. Writing a “1”
to bit 7 of the control register enables the collision test mode. Writing a “0” to this bit or
resetting the chip disables the collision test mode. When this bit is read, it returns a “1” when
the collision test mode has been enabled; otherwise it returns a “0”. This bit should only be
set while in loop-back test mode.
Reserved bits: Write ignored, read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com