Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1A Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST802RT1A
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1A Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST802RT1A Datasheet HTML 22Page - STMicroelectronics ST802RT1A Datasheet HTML 23Page - STMicroelectronics ST802RT1A Datasheet HTML 24Page - STMicroelectronics ST802RT1A Datasheet HTML 25Page - STMicroelectronics ST802RT1A Datasheet HTML 26Page - STMicroelectronics ST802RT1A Datasheet HTML 27Page - STMicroelectronics ST802RT1A Datasheet HTML 28Page - STMicroelectronics ST802RT1A Datasheet HTML 29Page - STMicroelectronics ST802RT1A Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
Registers and descriptors description
ST802RT1A, ST802RT1B
26/58
Doc ID 17049 Rev 1
Next page: Indicates whether this is the last next page to be transmitted.
Msg page: Differentiates a message page from an unformatted page.
Ack2: Indicates that a device has the ability to comply with the message.
Toggle: Used by the arbitration function to ensure synchronization with the link partner
during next page exchange.
Message code field: An eleven-bit wide field, encoding 2048 possible messages.
Unformatted code field: An 11-bit wide field, which may contain an arbitrary value.
Table 17.
RN07 [0d07, 0x07]: Auto-negotiation next page transmit register
Bit
Bit name
Description
Default
RW
type
Type
15
Next Page
1 -> additional next page(s) will follow
0 -> last page
0RW
-
14
RESERVED
--
0
RW
-
13
Message Page
1 -> Message page transmitting
0 -> Unformatted page transmitting
1RW
-
12
Acknowledge 2
1 -> Local device will comply with message received
0 -> Local device cannot comply with message
0RW
-
11
Toggle
1 -> Previous transmitted LCW toggle was 0
0 -> Previous transmitted LCW toggle was 1
Updated by auto-negotiation state machines
0RO
-
10:0
Message /
Unformatted
Code Field
It can be a message code (annex 28C, IEEE 802.3u) or
an unformatted code, according to value set in RN07[13]
00000000
001b
RW
-
Table 18.
RN08 [0d08, 0x08]: Auto-negotiation link partner received next page register
Bit
Bit name
Description
Default
RW
type
Type
15
Next Page
1 -> LP desires next page transfer
0 -> LP has no more Next Pages
0RO
-
14
Acknowledge
1 -> LP acknowledges reception of the ability data word
0 -> Not acknowledged
0RO
-
13
Message Page
1 -> LP message page transmitting
0 -> LP unformatted page transmitting
0RO
-
12
Acknowledge 2
1 -> LP will comply with message received
0 -> LP cannot comply with message
0RO
-
11
Toggle
1 -> Previous transmitted LP LCW toggle was 0
0 -> Previous transmitted LP LCW toggle was 1
0RO
-
10:0
Message /
Unformatted Code
Field
It can be a message code (annex 28C, IEEE 802.3u) or
an unformatted code, according to value set in RN08[13]
0000000
0000b
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com