Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 17Page - Microchip Technology PIC12F635ESS Datasheet HTML 18Page - Microchip Technology PIC12F635ESS Datasheet HTML 19Page - Microchip Technology PIC12F635ESS Datasheet HTML 20Page - Microchip Technology PIC12F635ESS Datasheet HTML 21Page - Microchip Technology PIC12F635ESS Datasheet HTML 22Page - Microchip Technology PIC12F635ESS Datasheet HTML 23Page - Microchip Technology PIC12F635ESS Datasheet HTML 24Page - Microchip Technology PIC12F635ESS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 19
PIC12F635/PIC16F636/639
FIGURE 2-3:
PIC12F635 SPECIAL FUNCTION REGISTERS
File
File
File
File
Address
Address
Address
Address
Indirect addr.(1) 00h
Indirect addr.(1) 80h
Accesses
00h-0Bh
100h
Accesses
80h-8Bh
180h
TMR0
01h
OPTION_REG
81h
101h
181h
PCL
02h
PCL
82h
102h
182h
STATUS
03h
STATUS
83h
103h
183h
FSR
04h
FSR
84h
104h
184h
GPIO
05h
TRISIO
85h
105h
185h
06h
86h
106h
186h
07h
87h
107h
187h
08h
88h
108h
188h
09h
89h
109h
189h
PCLATH
0Ah
PCLATH
8Ah
10Ah
18Ah
INTCON
0Bh
INTCON
8Bh
10Bh
18Bh
PIR1
0Ch
PIE1
8Ch
10Ch
18Ch
0Dh
8Dh
10Dh
18Dh
TMR1L
0Eh
PCON
8Eh
10Eh
18Eh
TMR1H
0Fh
OSCCON
8Fh
10Fh
18Fh
T1CON
10h
OSCTUNE
90h
CRCON
110h
190h
11h
91h
CRDAT0(2)
111h
191h
12h
92h
CRDAT1(2)
112h
192h
13h
93h
CRDAT2(2)
113h
193h
14h
LVDCON
94h
CRDAT3(2)
114h
194h
15h
WPUDA
95h
115h
195h
16h
IOCA
96h
116h
196h
17h
WDA
97h
117h
197h
WDTCON
18h
98h
118h
198h
CMCON0
19h
VRCON
99h
119h
199h
CMCON1
1Ah
EEDAT
9Ah
11Ah
19Ah
1Bh
EEADR
9Bh
11Bh
19Bh
1Ch
EECON1
9Ch
11Ch
19Ch
1Dh
EECON2(1)
9Dh
11Dh
19Dh
1Eh
9Eh
11Eh
19Eh
1Fh
9Fh
11Fh
19Fh
20h
3Fh
A0h
120h
1A0h
General
Purpose
Register
64 Bytes
40h
EFh
16Fh
1EFh
Accesses
70h-7Fh
F0h
Accesses
70h-7Fh
170h
Accesses
Bank 0
1F0h
7Fh
FFh
17Fh
1FFh
Bank 0Bank 1Bank 2Bank 3
Unimplemented data memory locations, read as ‘0’.
Note 1: Not a physical register.
2: CRDAT<3:0> registers are KEELOQ® hardware peripheral related registers and require the execution of the
“KEELOQ® Encoder License Agreement” regarding implementation of the module and access to related
registers. The “KEELOQ® Encoder License Agreement” may be accessed through the Microchip web site
located at www.microchip.com/KEELOQ or by contacting your local Microchip Sales Representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com