Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 55Page - Microchip Technology PIC12F635ESS Datasheet HTML 56Page - Microchip Technology PIC12F635ESS Datasheet HTML 57Page - Microchip Technology PIC12F635ESS Datasheet HTML 58Page - Microchip Technology PIC12F635ESS Datasheet HTML 59Page - Microchip Technology PIC12F635ESS Datasheet HTML 60Page - Microchip Technology PIC12F635ESS Datasheet HTML 61Page - Microchip Technology PIC12F635ESS Datasheet HTML 62Page - Microchip Technology PIC12F635ESS Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 57
PIC12F635/PIC16F636/639
4.3
PORTC
PORTC is a general purpose I/O port consisting of 6
bidirectional pins. The pins can be configured for either
digital I/O or analog input to comparator. For specific
information about individual functions, refer to the
appropriate section in this data sheet.
EXAMPLE 4-3:
INITIALIZING PORTC
Note:
The CMCON0 register must be initialized
to configure an analog channel as a digital
input. Pins configured as analog inputs will
read ‘0’.
BANKSEL PORTC
;
CLRF
PORTC
;Init PORTC
MOVLW
07h
;Set RC<4,1:0> to
MOVWF
CMCON0
;digital I/O
BANKSEL TRISC
;
MOVLW
0Ch
;Set RC<3:2> as inputs
MOVWF
TRISC
;and set RC<5:4,1:0>
;as outputs
REGISTER 4-6:
PORTC: PORTC REGISTER
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-0
R/W-0
—
—
RC5
RC4
RC3
RC2
RC1
RC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
RC<5:0>: PORTC General Purpose I/O Pin bits
1
= Port pin is > VIH
0
= Port pin is < VIL
REGISTER 4-7:
TRISC: PORTC TRI-STATE REGISTER
U-0
U-0
R/W-1
R/W-1
R-1
R/W-1
R/W-1
R/W-1
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
TRISC<5:0>: PORTC Tri-State Control bits
1
= PORTC pin configured as an input (tri-stated)
0
= PORTC pin configured as an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com