Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 23Page - Microchip Technology PIC12F635ESS Datasheet HTML 24Page - Microchip Technology PIC12F635ESS Datasheet HTML 25Page - Microchip Technology PIC12F635ESS Datasheet HTML 26Page - Microchip Technology PIC12F635ESS Datasheet HTML 27Page - Microchip Technology PIC12F635ESS Datasheet HTML 28Page - Microchip Technology PIC12F635ESS Datasheet HTML 29Page - Microchip Technology PIC12F635ESS Datasheet HTML 30Page - Microchip Technology PIC12F635ESS Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 25
PIC12F635/PIC16F636/639
TABLE 2-5:
PIC12F635/PIC16F636/639 SPECIAL FUNCTION REGISTERS SUMMARY BANK 2
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR/BOR/
WUR
Page
Bank 2
10Ch
—
Unimplemented
—
—
10Dh
—
Unimplemented
—
—
10Eh
—
Unimplemented
—
—
10Fh
—
Unimplemented
—
—
110h
CRCON
GO/DONE ENC/DEC
—
—
—
—
CRREG1
CRREG0
00-- --00 00-- --00
111h
CRDAT0(2) Cryptographic Data Register 0
0000 0000 0000 0000
112h
CRDAT1(2) Cryptographic Data Register 1
0000 0000 0000 0000
113h
CRDAT2(2) Cryptographic Data Register 2
0000 0000 0000 0000
114h
CRDAT3(2) Cryptographic Data Register 3
0000 0000 0000 0000
115h
—
Unimplemented
—
—
116h
—
Unimplemented
—
—
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition,
shaded = unimplemented
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
CRDAT<3:0> registers are KEELOQ® hardware peripheral related registers and require the execution of the “KEELOQ
Encoder License Agreement” regarding implementation of the module and access to related registers. The “KEELOQ
Encoder License Agreement” may be accessed through the Microchip web site located at www.microchip.com/KEELOQ
or by contacting your local Microchip Sales Representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com