Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 87Page - Microchip Technology PIC12F635ESS Datasheet HTML 88Page - Microchip Technology PIC12F635ESS Datasheet HTML 89Page - Microchip Technology PIC12F635ESS Datasheet HTML 90Page - Microchip Technology PIC12F635ESS Datasheet HTML 91Page - Microchip Technology PIC12F635ESS Datasheet HTML 92Page - Microchip Technology PIC12F635ESS Datasheet HTML 93Page - Microchip Technology PIC12F635ESS Datasheet HTML 94Page - Microchip Technology PIC12F635ESS Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 89
PIC12F635/PIC16F636/639
TABLE 8-1:
REGISTERS ASSOCIATED WITH PROGRAMMABLE LOW-VOLTAGE DETECT
REGISTER 8-1:
LVDCON: LOW-VOLTAGE DETECT CONTROL REGISTER
U-0
U-0
R-0
R/W-0
U-0
R/W-1
R/W-0
R/W-0
—
—
IRVST(1)
LVDEN
—
LVDL2
LVDL1
LVDL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5
IRVST: Internal Reference Voltage Stable Status Flag bit(1)
1
= Indicates that the PLVD is stable and PLVD interrupt is reliable
0
= Indicates that the PLVD is not stable and PLVD interrupt must not be enabled
bit 4
LVDEN: Low-Voltage Detect Module Enable bit
1
= Enables PLVD Module, powers up PLVD circuit and supporting reference circuitry
0
= Disables PLVD Module, powers down PLVD circuit and supporting reference circuitry
bit 3
Unimplemented: Read as ‘0’
bit 2-0
LVDL<2:0>: Low-Voltage Detection Level bits (nominal values)
111
= 4.5V
110
= 4.2V
101
= 4.0V
100
= 2.3V (default)
011
= 2.2V
010
= 2.1V
001
= 2.0V(2)
000
= Reserved
Note 1:
The IRVST bit is usable only when the HFINTOSC is running.
2:
Not tested and below minimum operating conditions.
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Value on
POR, BOR
Value on
all other
Resets
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 000x
0000 000x
PIE1
OSFIE
C2IE
C1IE
LCDIE
—LVDIE
—
CCP2IE
0000 -0-0
0000 -0-0
PIR1
OSFIF
C2IF
C1IF
LCDIF
—LVDIF
—
CCP2IF
0000 -0-0
0000 -0-0
LVDCON
—
—IRVST
LVDEN
—
LVDL2
LVDL1
LVDL0
--00 -100
--00 -100
Legend:
x
= unknown, - = unimplemented read as ‘0’. Shaded cells are not used by the PLVD module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com