Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 3 Page - Microchip Technology

  PIC12F635ESS Datasheet HTML 1Page - Microchip Technology PIC12F635ESS Datasheet HTML 2Page - Microchip Technology PIC12F635ESS Datasheet HTML 3Page - Microchip Technology PIC12F635ESS Datasheet HTML 4Page - Microchip Technology PIC12F635ESS Datasheet HTML 5Page - Microchip Technology PIC12F635ESS Datasheet HTML 6Page - Microchip Technology PIC12F635ESS Datasheet HTML 7Page - Microchip Technology PIC12F635ESS Datasheet HTML 8Page - Microchip Technology PIC12F635ESS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 1
PIC12F635/PIC16F636/639
High-Performance RISC CPU:
• Only 35 instructions to learn:
- All single-cycle instructions except branches
• Operating speed:
- DC – 20 MHz oscillator/clock input
- DC – 200 ns instruction cycle
• Interrupt capability
• 8-level deep hardware stack
• Direct, Indirect and Relative Addressing modes
Special Microcontroller Features:
• Precision Internal Oscillator:
- Factory calibrated to ±1%, typical
- Software selectable frequency range of
8 MHz to 125 kHz
- Software tunable
- Two-Speed Start-up mode
- Crystal fail detect for critical applications
- Clock mode switching during operation for
power savings
• Clock mode switching for low-power operation
• Power-Saving Sleep mode
• Wide operating voltage range (2.0V-5.5V)
• Industrial and Extended Temperature range
• Power-on Reset (POR)
• Wake-up Reset (WUR)
• Independent weak pull-up/pull-down resistors
• Programmable Low-Voltage Detect (PLVD)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Brown-out Reset (BOR) with software control
option
• Enhanced Low-Current Watchdog Timer (WDT)
with on-chip oscillator (software selectable
nominal 268 seconds with full prescaler) with
software enable
• Multiplexed Master Clear with pull-up/input pin
• Programmable code protection (program and
data independent)
• High-Endurance Flash/EEPROM cell:
- 100,000 write Flash endurance
- 1,000,000 write EEPROM endurance
- Flash/Data EEPROM Retention: > 40 years
Low-Power Features:
• Standby Current:
- 1 nA @ 2.0V, typical
• Operating Current:
-8.5
μA @ 32 kHz, 2.0V, typical
-100
μA @ 1 MHz, 2.0V, typical
• Watchdog Timer Current:
-1
μA @ 2.0V, typical
Peripheral Features:
• 6/12 I/O pins with individual direction control:
- High-current source/sink for direct LED drive
- Interrupt-on-change pin
- Individually programmable weak pull-ups/
pull-downs
- Ultra Low-Power Wake-up
• Analog Comparator module with:
- Up to two analog comparators
- Programmable On-chip Voltage Reference
(CVREF) module (% of VDD)
- Comparator inputs and outputs externally
accessible
• Timer0: 8-bit timer/counter with 8-bit
programmable prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Timer1 Gate (count enable)
- Option to use OSC1 and OSC2 in LP mode
as Timer1 oscillator if INTOSC mode
selected
•KEELOQ® compatible hardware Cryptographic
module
• In-Circuit Serial Programming™ (ICSP™) via
two pins
Low-Frequency Analog Front-End
Features (PIC16F639 only):
• Three input pins for 125 kHz LF input signals
• High input detection sensitivity (3 mVPP, typical)
• Demodulated data, Carrier clock or RSSI output
selection
• Input carrier frequency: 125 kHz, typical
• Input modulation frequency: 4 kHz, maximum
• 8 internal Configuration registers
• Bidirectional transponder communication
(LF talk back)
• Programmable antenna tuning capacitance
(up to 63 pF, 1 pF/step)
• Low standby current: 5
μA (with 3 channels
enabled), typical
• Low operating current: 15
μA (with 3 channels
enabled), typical
• Serial Peripheral Interface (SPI) with internal
MCU and external devices
• Supports Battery Back-up mode and batteryless
operation with external circuits
8/14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
With nanoWatt Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com