Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 92Page - Microchip Technology PIC12F635ESS Datasheet HTML 93Page - Microchip Technology PIC12F635ESS Datasheet HTML 94Page - Microchip Technology PIC12F635ESS Datasheet HTML 95Page - Microchip Technology PIC12F635ESS Datasheet HTML 96Page - Microchip Technology PIC12F635ESS Datasheet HTML 97Page - Microchip Technology PIC12F635ESS Datasheet HTML 98Page - Microchip Technology PIC12F635ESS Datasheet HTML 99Page - Microchip Technology PIC12F635ESS Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 94
© 2007 Microchip Technology Inc.
9.5
Protection Against Spurious Write
There are conditions when the user may not want to
write to the data EEPROM memory. To protect against
spurious EEPROM writes, various mechanisms have
been built in. On power-up, WREN is cleared. Also, the
Power-up Timer (nominal 64 ms duration) prevents
EEPROM write.
The write initiate sequence and the WREN bit together
help prevent an accidental write during:
• Brown-out
•Power Glitch
• Software Malfunction
9.6
Data EEPROM Operation During
Code Protection
Data memory can be code-protected by programming
the CPD bit in the Configuration Word (Register 12-1)
to ‘0’.
When the data memory is code-protected, the CPU is
able to read and write data to the data EEPROM. It is
recommended to code-protect the program memory
when code-protecting data memory. This prevents
anyone from programming zeroes over the existing
code (which will execute as NOPs) to reach an added
routine, programmed in unused program memory,
which
outputs
the
contents
of
data
memory.
Programming unused locations in program memory to
‘0’ will also help prevent data memory code protection
from becoming breached.
TABLE 9-1:
SUMMARY OF REGISTERS ASSOCIATED WITH DATA EEPROM
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 000x
0000 000x
PIR1
EEIF
LVDIF
CRIF
C2IF(1)
C1IF
OSFIF
—
TMR1IF
0000 00-0
0000 00-0
PIE1
EEIE
LVDIE
CRIE
C2IE(1)
C1IE
OSFIE
—TMR1IE
0000 00-0
0000 00-0
EEDAT
EEDAT7
EEDAT6
EEDAT5
EEDAT4
EEDAT3
EEDAT2
EEDAT1
EEDAT0
0000 0000
0000 0000
EEADR
EEADR7(1)
EEADR6
EEADR5
EEADR4
EEADR3
EEADR2
EEADR1
EEADR0
0000 0000
0000 0000
EECON1
—
—
—
—
WRERR
WREN
WR
RD
---- x000
---- q000
EECON2
EEPROM Control Register 2 (not a physical register)
---- ----
---- ----
Legend:
x
= unknown, u = unchanged, – = unimplemented read as ‘0’, q = value depends upon condition.
Shaded cells are not used by the data EEPROM module.
Note
1:
PIC16F636/639 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com