Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 80Page - Microchip Technology PIC12F635ESS Datasheet HTML 81Page - Microchip Technology PIC12F635ESS Datasheet HTML 82Page - Microchip Technology PIC12F635ESS Datasheet HTML 83Page - Microchip Technology PIC12F635ESS Datasheet HTML 84Page - Microchip Technology PIC12F635ESS Datasheet HTML 85Page - Microchip Technology PIC12F635ESS Datasheet HTML 86Page - Microchip Technology PIC12F635ESS Datasheet HTML 87Page - Microchip Technology PIC12F635ESS Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 82
© 2007 Microchip Technology Inc.
REGISTER 7-3:
CMCON1: COMPARATOR CONFIGURATION REGISTER (PIC12F635)
U-0
U-0
U-0
U-0
U-0
U-0
R/W-1
R/W-0
—
—
—
—
—
—
T1GSS
CMSYNC
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-2
Unimplemented: Read as ‘0’
bit 1
T1GSS: Timer1 Gate Source Select bit(1)
1
= Timer1 Gate Source is T1G pin (pin should be configured as digital input)
0
= Timer1 Gate Source is comparator output
bit 0
CMSYNC: Comparator Output Synchronization bit(2)
1
= Output is synchronized with falling edge of Timer1 clock
0
= Output is asynchronous
Note 1:
Refer to Section 6.6 “Timer1 Gate”.
2:
Refer to Figure 7-2.
REGISTER 7-4:
CMCON1: COMPARATOR CONFIGURATION REGISTER (PIC16F636/639)
U-0
U-0
U-0
U-0
U-0
U-0
R/W-1
R/W-0
—
—
—
—
—
—
T1GSS
C2SYNC
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-2
Unimplemented: Read as ‘0’
bit 1
T1GSS: Timer1 Gate Source Select bit(1)
1
= Timer1 gate source is T1G pin (pin should be configured as digital input)
0
= Timer1 gate source is Comparator C2 output
bit 0
C2SYNC: Comparator C2 Output Synchronization bit(2)
1
= Output is synchronized with falling edge of Timer1 clock
0
= Output is asynchronous
Note 1:
Refer to Section 6.6 “Timer1 Gate”.
2:
Refer to Figure 7-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com