Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 94 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 94 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 90Page - Microchip Technology PIC12F635ESS Datasheet HTML 91Page - Microchip Technology PIC12F635ESS Datasheet HTML 92Page - Microchip Technology PIC12F635ESS Datasheet HTML 93Page - Microchip Technology PIC12F635ESS Datasheet HTML 94Page - Microchip Technology PIC12F635ESS Datasheet HTML 95Page - Microchip Technology PIC12F635ESS Datasheet HTML 96Page - Microchip Technology PIC12F635ESS Datasheet HTML 97Page - Microchip Technology PIC12F635ESS Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 92
© 2007 Microchip Technology Inc.
9.1
EECON1 AND EECON2 Registers
EECON1 is the control register with four low-order bits
physically implemented. The upper four bits are
non-implemented and read as ‘0’s.
Control bits RD and WR initiate read and write,
respectively. These bits cannot be cleared, only set in
software. They are cleared in hardware at completion
of the read or write operation. The inability to clear the
WR bit in software prevents the accidental, premature
termination of a write operation.
The WREN bit, when set, will allow a write operation.
On power-up, the WREN bit is clear. The WRERR bit is
set when a write operation is interrupted by a MCLR
Reset, or a WDT Time-out Reset during normal
operation. In these situations, following Reset, the user
can check the WRERR bit, clear it and rewrite the
location. The data and address will be cleared.
Therefore, the EEDAT and EEADR registers will need
to be re-initialized.
Interrupt flag, EEIF bit of the PIR1 register, is set when
write is complete. This bit must be cleared in software.
EECON2 is not a physical register. Reading EECON2
will read all ‘0’s. The EECON2 register is used
exclusively in the data EEPROM write sequence.
Note:
The
EECON1,
EEDAT
and
EEADR
registers should not be modified during a
data EEPROM write (WR bit = 1).
REGISTER 9-3:
EECON1: EEPROM CONTROL REGISTER
U-0
U-0
U-0
U-0
R/W-x
R/W-0
R/S-0
R/S-0
—
—
—
—
WRERR
WREN
WR
RD
bit 7
bit 0
Legend:
S = Bit can only be set
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented: Read as ‘0’
bit 3
WRERR: EEPROM Error Flag bit
1
= A write operation is prematurely terminated (any MCLR Reset, any WDT Reset during
normal operation or BOR Reset)
0
= The write operation completed
bit 2
WREN: EEPROM Write Enable bit
1
= Allows write cycles
0
= Inhibits write to the data EEPROM
bit 1
WR: Write Control bit
1
= Initiates a write cycle (The bit is cleared by hardware once write is complete. The WR bit can only
be set, not cleared, in software.)
0
= Write cycle to the data EEPROM is complete
bit 0
RD: Read Control bit
1
= Initiates an EEPROM read (Read takes one cycle. RD is cleared in hardware. The RD bit can only
be set, not cleared, in software.)
0
= Does not initiate an EEPROM read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com