Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 72Page - Microchip Technology PIC12F635ESS Datasheet HTML 73Page - Microchip Technology PIC12F635ESS Datasheet HTML 74Page - Microchip Technology PIC12F635ESS Datasheet HTML 75Page - Microchip Technology PIC12F635ESS Datasheet HTML 76Page - Microchip Technology PIC12F635ESS Datasheet HTML 77Page - Microchip Technology PIC12F635ESS Datasheet HTML 78Page - Microchip Technology PIC12F635ESS Datasheet HTML 79Page - Microchip Technology PIC12F635ESS Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 74
© 2007 Microchip Technology Inc.
7.3
Comparator Configuration
There are eight modes of operation for the comparator.
The CM<2:0> bits of the CMCON0 register are used to
select these modes as shown in Figures 7-6 and 7-7.
I/O lines change as a function of the mode and are
designed as follows:
• Analog function (A): digital input buffer is disabled
• Digital function (D): comparator digital output,
overrides port function
• Normal port function (I/O): independent of
comparator
The port pins denoted as “A” will read as a ‘0’
regardless of the state of the I/O pin or the I/O control
TRIS bit. Pins used as analog inputs should also have
the corresponding TRIS bit set to ‘1’ to disable the
digital output driver. Pins denoted as “D” should have
the corresponding TRIS bit set to ‘0’ to enable the
digital output driver.
FIGURE 7-6:
COMPARATOR I/O OPERATING MODES (PIC12F635)
Note:
Comparator interrupts should be disabled
during a Comparator mode change to
prevent unintended interrupts.
Comparator Reset (POR Default Value – low power)
Comparator w/o Output and with Internal Reference
CM<2:0> = 000
CM<2:0> = 100
Comparator with Output
Multiplexed Input with Internal Reference and Output
CM<2:0> = 001
CM<2:0> = 101
Comparator without Output
Multiplexed Input with Internal Reference
CM<2:0> = 010
CM<2:0> = 110
Comparator with Output and Internal Reference
Comparator Off (Lowest power)
CM<2:0> = 011
CM<2:0> = 111
Legend: A = Analog Input, ports always reads ‘0’
CIS = Comparator Input Switch (CMCON0<3>)
I/O = Normal port I/O
D = Comparator Digital Output
Note 1:
Reads as ‘0’, unless CINV = 1.
CIN-
CIN+
Off
(1)
A
A
COUT (pin) I/O
CIN-
CIN+
COUT
A
I/O
COUT (pin) I/O
From CVREF Module
CIN-
CIN+
COUT
A
A
COUT (pin) D
CIN-
CIN+
COUT
A
A
COUT (pin)
D
From CVREF Module
CIS = 0
CIS = 1
CIN-
CIN+
COUT
A
A
COUT (pin)
I/O
CIN-
CIN+
COUT
A
A
COUT (pin)
I/O
From CVREF Module
CIS = 0
CIS = 1
CIN-
CIN+
COUT
A
I/O
COUT (pin) D
From CVREF Module
CIN-
CIN+
Off
(1)
I/O
I/O
COUT (pin) I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com