Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 47Page - Microchip Technology PIC12F635ESS Datasheet HTML 48Page - Microchip Technology PIC12F635ESS Datasheet HTML 49Page - Microchip Technology PIC12F635ESS Datasheet HTML 50Page - Microchip Technology PIC12F635ESS Datasheet HTML 51Page - Microchip Technology PIC12F635ESS Datasheet HTML 52Page - Microchip Technology PIC12F635ESS Datasheet HTML 53Page - Microchip Technology PIC12F635ESS Datasheet HTML 54Page - Microchip Technology PIC12F635ESS Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 49
PIC12F635/PIC16F636/639
REGISTER 4-3:
WDA: WEAK PULL-UP/PULL-DOWN DIRECTION REGISTER
U-0
U-0
R/W-1
R/W-1
U-0
R/W-1
R/W-1
R/W-1
—
—
WDA5
WDA4
—
WDA2
WDA1
WDA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
WDA<5:4>: Pull-up/Pull-down Selection bits
1
= Pull-up selected
0
= Pull-down selected
bit 3
Unimplemented: Read as ‘0’
bit 2-0
WDA<2:0>: Pull-up/Pull-down Selection bits
1
= Pull-up selected
0
= Pull-down selected
Note 1:
The weak pull-up/pull-down device is enabled only when the global RAPU bit is enabled, the pin is in Input mode (TRIS
= 1), the individual WDA bit is enabled (WDA = 1) and the pin is not configured as an analog input or clock function.
2:
RA3 pull-up is enabled when the pin is configured as MCLR in the Configuration Word register and the device is not in
Programming mode.
REGISTER 4-4:
WPUDA: WEAK PULL-UP/PULL-DOWN ENABLE REGISTER
U-0
U-0
R/W-1
R/W-1
U-0
R/W-1
R/W-1
R/W-1
—
—
WPUDA5(3)
WPUDA4(3)
—
WPUDA2
WPUDA1
WPUDA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
WPUDA<5:4>: Pull-up/Pull-down Direction Selection bits(3)
1
= Pull-up/pull-down enabled
0
= Pull-up/pull-down disabled
bit 3
Unimplemented: Read as ‘0’
bit 2-0
WPUDA<2:0>: Pull-up/Pull-down Direction Selection bits
1
= Pull-up/pull-down enabled
0
= Pull-up/pull-down disabled
Note 1:
The weak pull-up/pull-down direction device is enabled only when the global RAPU bit is enabled, the pin is in Input mode
(TRIS = 1), the individual WPUDA bit is enabled (WPUDA = 1) and the pin is not configured as an analog input or clock
function.
2:
RA3 pull-up is enabled when the pin is configured as MCLR in the Configuration Word register and the device is not in
Programming mode.
3:
WPUDA5 bit can be written if INTOSC is enabled and T1OSC is disabled; otherwise, the bit can not be written and reads
as ‘1’. WPUDA4 bit can be written if not configured as OSC2; otherwise, the bit can not be written and reads as ‘1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com