Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 93 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 89Page - Microchip Technology PIC12F635ESS Datasheet HTML 90Page - Microchip Technology PIC12F635ESS Datasheet HTML 91Page - Microchip Technology PIC12F635ESS Datasheet HTML 92Page - Microchip Technology PIC12F635ESS Datasheet HTML 93Page - Microchip Technology PIC12F635ESS Datasheet HTML 94Page - Microchip Technology PIC12F635ESS Datasheet HTML 95Page - Microchip Technology PIC12F635ESS Datasheet HTML 96Page - Microchip Technology PIC12F635ESS Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 91
PIC12F635/PIC16F636/639
9.0
DATA EEPROM MEMORY
The EEPROM data memory is readable and writable
during normal operation (full VDD range). This memory
is not directly mapped in the register file space.
Instead, it is indirectly addressed through the Special
Function Registers. There are four SFRs used to read
and write this memory:
• EECON1
• EECON2 (not a physically implemented register)
• EEDAT
• EEADR
EEDAT holds the 8-bit data for read/write and EEADR
holds the address of the EEPROM location being
accessed. PIC16F636/639 has 256 bytes of data
EEPROM and the PIC12F635 has 128 bytes.
The EEPROM data memory allows byte read and write.
A byte write automatically erases the location and
writes the new data (erase before write). The EEPROM
data memory is rated for high erase/write cycles. The
write time is controlled by an on-chip timer. The write
time will vary with voltage and temperature as well as
from chip-to-chip. Please refer to A/C specifications in
Section 15.0 “Electrical Specifications” for exact
limits.
When the data memory is code-protected, the CPU
may continue to read and write the data EEPROM
memory. The device programmer can no longer access
the data EEPROM data and will read zeroes.
REGISTER 9-1:
EEDAT: EEPROM DATA REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
EEDAT7
EEDAT6
EEDAT5
EEDAT4
EEDAT3
EEDAT2
EEDAT1
EEDAT0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
EEDATn: Byte Value to Write To or Read From Data EEPROM bits
REGISTER 9-2:
EEADR: EEPROM ADDRESS REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
EEADR7(1)
EEADR6
EEADR5
EEADR4
EEADR3
EEADR2
EEADR1
EEADR0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
EEADR: Specifies One of 256 Locations for EEPROM Read/Write Operation bits
Note 1:
PIC16F636/639 only. Read as ‘0’ on PIC12F635.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com