Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 33Page - Microchip Technology PIC12F635ESS Datasheet HTML 34Page - Microchip Technology PIC12F635ESS Datasheet HTML 35Page - Microchip Technology PIC12F635ESS Datasheet HTML 36Page - Microchip Technology PIC12F635ESS Datasheet HTML 37Page - Microchip Technology PIC12F635ESS Datasheet HTML 38Page - Microchip Technology PIC12F635ESS Datasheet HTML 39Page - Microchip Technology PIC12F635ESS Datasheet HTML 40Page - Microchip Technology PIC12F635ESS Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 35
PIC12F635/PIC16F636/639
3.0
OSCILLATOR MODULE (WITH
FAIL-SAFE CLOCK MONITOR)
3.1
Overview
The Oscillator module has a wide variety of clock
sources and selection features that allow it to be used
in a wide range of applications while maximizing perfor-
mance and minimizing power consumption. Figure 3-1
illustrates a block diagram of the Oscillator module.
Clock sources can be configured from external
oscillators, quartz crystal resonators, ceramic resonators
and Resistor-Capacitor (RC) circuits. In addition, the
system clock source can be configured from one of two
internal oscillators, with a choice of speeds selectable via
software. Additional clock features include:
• Selectable system clock source between external
or internal via software.
• Two-Speed Start-up mode, which minimizes
latency between external oscillator start-up and
code execution.
• Fail-Safe Clock Monitor (FSCM) designed to
detect a failure of the external clock source (LP,
XT, HS, EC or RC modes) and switch
automatically to the internal oscillator.
The Oscillator module can be configured in one of eight
clock modes.
1.
EC – External clock with I/O on OSC2/CLKOUT.
2.
LP – 32 kHz Low-Power Crystal mode.
3.
XT
–
Medium
Gain
Crystal
or
Ceramic
Resonator Oscillator mode.
4.
HS – High Gain Crystal or Ceramic Resonator
mode.
5.
RC – External Resistor-Capacitor (RC) with
FOSC/4 output on OSC2/CLKOUT.
6.
RCIO – External Resistor-Capacitor (RC) with
I/O on OSC2/CLKOUT.
7.
INTOSC – Internal oscillator with FOSC/4 output
on OSC2 and I/O on OSC1/CLKIN.
8.
INTOSCIO – Internal oscillator with I/O on
OSC1/CLKIN and OSC2/CLKOUT.
Clock Source modes are configured by the FOSC<2:0>
bits in the Configuration Word register (CONFIG). The
internal clock can be generated from two internal
oscillators.
The
HFINTOSC
is
a
calibrated
high-frequency
oscillator.
The
LFINTOSC
is
an
uncalibrated low-frequency oscillator.
FIGURE 3-1:
PIC® MCU CLOCK SOURCE BLOCK DIAGRAM
(CPU and Peripherals)
OSC1
OSC2
Sleep
External Oscillator
LP, XT, HS, RC, RCIO, EC
System Clock
8 MHz
4 MHz
2 MHz
1 MHz
500 kHz
125 kHz
250 kHz
IRCF<2:0>
111
110
101
100
011
010
001
000
31 kHz
Power-up Timer (PWRT)
FOSC<2:0>
(Configuration Word Register)
SCS<0>
(OSCCON Register)
Internal Oscillator
(OSCCON Register)
Watchdog Timer (WDT)
Fail-Safe Clock Monitor (FSCM)
HFINTOSC
8 MHz
LFINTOSC
31 kHz
INTOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com