Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 223 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 223 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 219Page - Microchip Technology PIC12F635ESS Datasheet HTML 220Page - Microchip Technology PIC12F635ESS Datasheet HTML 221Page - Microchip Technology PIC12F635ESS Datasheet HTML 222Page - Microchip Technology PIC12F635ESS Datasheet HTML 223Page - Microchip Technology PIC12F635ESS Datasheet HTML 224Page - Microchip Technology PIC12F635ESS Datasheet HTML 225Page - Microchip Technology PIC12F635ESS Datasheet HTML 226Page - Microchip Technology PIC12F635ESS Datasheet HTML 227Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 221
PIC12F635/PIC16F636/639
20-Lead Plastic Shrink Small Outline (SS) – 5.30 mm Body [SSOP]
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.20 mm per side.
3. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
20
Pitch
e
0.65 BSC
Overall Height
A
–
–
2.00
Molded Package Thickness
A2
1.65
1.75
1.85
Standoff
A1
0.05
–
–
Overall Width
E
7.40
7.80
8.20
Molded Package Width
E1
5.00
5.30
5.60
Overall Length
D
6.90
7.20
7.50
Foot Length
L
0.55
0.75
0.95
Footprint
L1
1.25 REF
Lead Thickness
c
0.09
–
0.25
Foot Angle
φ
0°
4°
8°
Lead Width
b
0.22
–
0.38
φ
L
L1
A2
c
e
b
A1
A
12
NOTE 1
E1
E
D
N
Microchip Technology Drawing C04-072B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com