Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 97Page - Microchip Technology PIC12F635ESS Datasheet HTML 98Page - Microchip Technology PIC12F635ESS Datasheet HTML 99Page - Microchip Technology PIC12F635ESS Datasheet HTML 100Page - Microchip Technology PIC12F635ESS Datasheet HTML 101Page - Microchip Technology PIC12F635ESS Datasheet HTML 102Page - Microchip Technology PIC12F635ESS Datasheet HTML 103Page - Microchip Technology PIC12F635ESS Datasheet HTML 104Page - Microchip Technology PIC12F635ESS Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 99
PIC12F635/PIC16F636/639
11.14.2
INACTIVITY TIMER
The Inactivity Timer is used to automatically return the
AFE to Standby mode, if there is no input signal. The
time-out period is approximately 16 ms (TINACT), based
on the 32 kHz internal clock.
The purpose of the Inactivity Timer is to minimize AFE
current draw by automatically returning the AFE to the
lower current Standby mode, if there is no input signal
for approximately 16 ms.
The timer is reset when:
• An amplitude change in LF input signal, either
high-to-low or low-to-high
•CS pin is low (any SPI command)
• Timer-related Soft Reset
The timer starts when:
• AFE receives any LF signal
The timer causes an AFE Soft Reset when:
• A previously received LF signal does not change
either high-to-low or low-to-high for TINACT
The Soft Reset returns the AFE to Standby mode where
most of the analog circuits, such as the AGC,
demodulator and RC oscillator, are powered down. This
returns the AFE to the lower Standby Current mode.
11.14.3
ALARM TIMER
The Alarm Timer is used to notify the MCU that the AFE
is receiving LF signal that does not pass the output
enable filter requirement. The time-out period is
approximately 32 ms (TALARM) in the presence of
continuing noise.
The Alarm Timer time-out occurs if there is an input
signal for longer than 32 ms that does not meet the
output enable filter requirements. The Alarm Timer
time-out causes:
a)
The ALERT pin to go low.
b)
The ALARM bit to set in the AFE Status
Configuration 7 register (Register 11-8).
The MCU is informed of the Alarm timer time-out by
monitoring the ALERT pin. If the Alarm timer time-out
occurs, the MCU can take appropriate actions such as
lowering channel sensitivity or disabling channels. If
the noise source is ignored, the AFE can return to a
lower standby current draw state.
The timer is reset when the:
•CS pin is low (any SPI command).
• Output enable filter is disabled.
• LFDATA pin is enabled (signal passed output
enable filter).
The timer starts when:
• Receiving a LF signal.
The timer causes a low output on the ALERT pin when:
• Output enable filter is enabled and modulated
input signal is present for TALARM, but does not
pass the output enable filter requirement.
11.14.4
PULSE WIDTH TIMER
The Pulse Width Timer is used to verify that the
received output enable sequence meets both the
minimum TOEH and minimum TOEL requirements.
11.14.5
PERIOD TIMER
The Period Timer is used to verify that the received
output enable sequence meets the maximum TOET
requirement.
11.14.6
AGC SETTLING TIMER (TAGC)
This timer is used to keep the output enable filter in
Reset while the AGC settles on the input signal. The
time-out period is approximately 3.5 ms. At end of this
time (TAGC), the input should remain high (TPAGC),
otherwise the counting is aborted and a Soft Reset is
issued. See Figure 11-6 for details.
Note:
The Alarm timer is disabled if the output
enable filter is disabled.
Note 1: The AFE needs continuous and
uninterrupted high input signal during
AGC settling time (TAGC). Any absence of
signal during this time may reset the timer
and a new input signal is needed for AGC
settling time, or may result in improper
AGC gain settings which will produce
invalid output.
2: The rest of the AFE section wakes up if
any of these input channels receive the
AGC
settling
time
correctly.
AFE Status Register 7
bits
<4:2>
(Register 11-8)
indicate
which
input
channels have waken up the AFE first.
Valid input signal on multiple input pins
can cause more than one channel’s
indicator bit to be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com