Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 132 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 132 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 128Page - Microchip Technology PIC12F635ESS Datasheet HTML 129Page - Microchip Technology PIC12F635ESS Datasheet HTML 130Page - Microchip Technology PIC12F635ESS Datasheet HTML 131Page - Microchip Technology PIC12F635ESS Datasheet HTML 132Page - Microchip Technology PIC12F635ESS Datasheet HTML 133Page - Microchip Technology PIC12F635ESS Datasheet HTML 134Page - Microchip Technology PIC12F635ESS Datasheet HTML 135Page - Microchip Technology PIC12F635ESS Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 130
© 2007 Microchip Technology Inc.
REGISTER 12-1:
CONFIG: CONFIGURATION WORD REGISTER
—
—
—
WURE
FCMEN
IESO
BOREN1
BOREN0
bit 15
bit 8
CPD
CP
MCLRE
PWRTE
WDTE
FOSC2
FOSC1
FOSC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
P = Programmable’
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented: Read as ‘1’
bit 12
WURE: Wake-up Reset Enable bit
1
= Standard wake-up and continue enabled
0
= Wake-up and Reset enabled
bit 11
FCMEN: Fail-Safe Clock Monitor Enabled bit
1
= Fail-Safe Clock Monitor is enabled
0
= Fail-Safe Clock Monitor is disabled
bit 10
IESO: Internal External Switchover bit
1
= Internal External Switchover mode is enabled
0
= Internal External Switchover mode is disabled
bit 9-8
BOREN<1:0>: Brown-out Reset Selection bits(1)
11
= BOR enabled, SBOREN bit disabled
10
= BOR enabled during operation and disabled in Sleep, SBOREN bit disabled
01
= BOR controlled by SBOREN bit of the PCON register
00
= BOR and SBOREN bits disabled
bit 7
CPD: Data Code Protection bit(2)
1
= Data memory code protection is disabled
0
= Data memory code protection is enabled
bit 6
CP: Code Protection bit(3)
1
= Program memory code protection is disabled
0
= Program memory code protection is enabled
bit 5
MCLRE: MCLR pin function select bit(4)
1
= MCLR pin function is MCLR
0
= MCLR pin function is digital input, MCLR internally tied to VDD
bit 4
PWRTE: Power-up Timer Enable bit
1
= PWRT disabled
0
= PWRT enabled
bit 3
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled and can be enabled by SWDTEN bit of the WDTCON register
bit 2-0
FOSC<2:0>: Oscillator Selection bits
111
= EXTRC oscillator: External RC on RA5/OSC1/CLKIN, CLKOUT function on RA4/OSC2/CLKOUT pin
110
= EXTRCIO oscillator: External RC on RA5/OSC1/CLKIN, I/O function on RA4/OSC2/CLKOUT pin
101
= INTOSC oscillator: CLKOUT function on RA4/OSC2/CLKOUT pin, I/O function on RA5/OSC1/CLKIN
100
= INTOSCIO oscillator: I/O function on RA4/OSC2/CLKOUT pin, I/O function on RA5/OSC1/CLKIN
011
= EC: I/O function on RA4/OSC2/CLKOUT pin, CLKIN on RA5/OSC1/CLKIN
010
= HS oscillator: High-speed crystal/resonator on RA4/OSC2/CLKOUT and RA5/OSC1/CLKIN
001
= XT oscillator: Crystal/resonator on RA4/OSC2/CLKOUT and RA5/OSC1/CLKIN
000
= LP oscillator: Low-power crystal on RA4/OSC2/CLKOUT and RA5/OSC1/CLKIN
Note
1:
Enabling Brown-out Reset does not automatically enable Power-up Timer.
2:
The entire data EEPROM will be erased when the code protection is turned off.
3:
The entire program memory will be erased when the code protection is turned off.
4:
When MCLR is asserted in INTOSC or RC mode, the internal clock oscillator is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com