Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 154 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 154 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 150Page - Microchip Technology PIC12F635ESS Datasheet HTML 151Page - Microchip Technology PIC12F635ESS Datasheet HTML 152Page - Microchip Technology PIC12F635ESS Datasheet HTML 153Page - Microchip Technology PIC12F635ESS Datasheet HTML 154Page - Microchip Technology PIC12F635ESS Datasheet HTML 155Page - Microchip Technology PIC12F635ESS Datasheet HTML 156Page - Microchip Technology PIC12F635ESS Datasheet HTML 157Page - Microchip Technology PIC12F635ESS Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 152
© 2007 Microchip Technology Inc.
BTFSS
Bit Test f, Skip if Set
Syntax:
[ label ] BTFSS f,b
Operands:
0
≤ f ≤ 127
0
≤ b < 7
Operation:
skip if (f<b>) = 1
Status Affected:
None
Description:
If bit ‘b’ in register ‘f’ is ‘0’, the next
instruction is executed.
If bit ‘b’ is ‘1’, then the next
instruction is discarded and a NOP
is executed instead, making this a
two-cycle instruction.
CALL
Call Subroutine
Syntax:
[ label ] CALL k
Operands:
0
≤ k ≤ 2047
Operation:
(PC)+ 1
→ TOS,
k
→ PC<10:0>,
(PCLATH<4:3>)
→ PC<12:11>
Status Affected:
None
Description:
Call Subroutine. First, return
address (PC + 1) is pushed onto
the stack. The eleven-bit
immediate address is loaded into
PC bits <10:0>. The upper bits of
the PC are loaded from PCLATH.
CALL
is a two-cycle instruction.
CLRF
Clear f
Syntax:
[ label ] CLRF
f
Operands:
0
≤ f ≤ 127
Operation:
00h
→ (f)
1
→ Z
Status Affected:
Z
Description:
The contents of register ‘f’ are
cleared and the Z bit is set.
CLRW
Clear W
Syntax:
[ label ] CLRW
Operands:
None
Operation:
00h
→ (W)
1
→ Z
Status Affected:
Z
Description:
W register is cleared. Zero bit (Z)
is set.
CLRWDT
Clear Watchdog Timer
Syntax:
[ label ] CLRWDT
Operands:
None
Operation:
00h
→ WDT
0
→ WDT prescaler,
1
→ TO
1
→ PD
Status Affected:
TO, PD
Description:
CLRWDT
instruction resets the
Watchdog Timer. It also resets the
prescaler of the WDT.
Status bits TO and PD are set.
COMF
Complement f
Syntax:
[ label ] COMF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f)
→ (destination)
Status Affected:
Z
Description:
The contents of register ‘f’ are
complemented. If ‘d’ is ‘0’, the
result is stored in W. If ‘d’ is ‘1’,
the result is stored back in
register ‘f’.
DECF
Decrement f
Syntax:
[ label ] DECF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) - 1
→ (destination)
Status Affected:
Z
Description:
Decrement register ‘f’. If ‘d’ is ‘0’,
the result is stored in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com