Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2932 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2932
Description  6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2932 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2932 Datasheet HTML 1Page - Monolithic Power Systems MP2932 Datasheet HTML 2Page - Monolithic Power Systems MP2932 Datasheet HTML 3Page - Monolithic Power Systems MP2932 Datasheet HTML 4Page - Monolithic Power Systems MP2932 Datasheet HTML 5Page - Monolithic Power Systems MP2932 Datasheet HTML 6Page - Monolithic Power Systems MP2932 Datasheet HTML 7Page - Monolithic Power Systems MP2932 Datasheet HTML 8Page - Monolithic Power Systems MP2932 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
MP2932 - 6-PHASE PWM CONTROLLER WITH 8-BIT ADC CODE
MP2932 Rev.1.02
www.MonolithicPower.com
2
4/30/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP2932GQK
QFN (6 x 6mm)
MP2932
–40
C to +85C
* For Tape & Reel, add suffix –Z (e.g. MP2932GQK–Z);
For RoHS compliant packaging, add suffix –LF; (e.g. MP2932GQK –LF–Z).
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VCC ..................................... 6V
All Other Pins..................... -0.3V to VCC + 0.3V
Continuous Power Dissipation
(TA = +25°C)
(2)
............................................................. 3.9W
Junction Temperature...............................150
C
Storage Temperature.............. –65
C to +150C
ESD Rating
Human Body Model .................................... 2kV
Machine Model .......................................... 200V
Charged Device Model ............................. 1.5kV
Recommended Operating Conditions
(3)
Supply Voltage VCC ........................... +5V ±5%
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN48 (6mm x 6mm)............. 32 ...... 3.5 ..
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ (MAX)-
TA) /θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will
go into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com