Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2932 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2932
Description  6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2932 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2932 Datasheet HTML 1Page - Monolithic Power Systems MP2932 Datasheet HTML 2Page - Monolithic Power Systems MP2932 Datasheet HTML 3Page - Monolithic Power Systems MP2932 Datasheet HTML 4Page - Monolithic Power Systems MP2932 Datasheet HTML 5Page - Monolithic Power Systems MP2932 Datasheet HTML 6Page - Monolithic Power Systems MP2932 Datasheet HTML 7Page - Monolithic Power Systems MP2932 Datasheet HTML 8Page - Monolithic Power Systems MP2932 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MP2932 - 6-PHASE PWM CONTROLLER WITH 8-BIT ADC CODE
MP2932 Rev.1.02
www.MonolithicPower.com
5
4/30/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
ID7
ID inputs from microprocessor. These codes determine output regulation voltage.
2
ID6
3
ID5
4
ID4
5
ID3
6
ID2
7
ID1
8
ID0
9
VRSEL
Select internal ID code. When it is tied to GND, the extended VR10 is selected. When
it’s floated or tied to high, VR11 code is selected.
10
OFS
Offset between REF and DAC program pin. The OFS pin can be used to program a
DC offset current which will generate a DC offset voltage between the REF and DAC
pins. The polarity of the offset is selected by connecting the resistor to GND or VCC.
For no offset, the OFS pin should be left unconnected.
11
IOUT
A resistor needs to be placed between IOUT and GND to ensure the proper operation.
The voltage at IOUT pin will be proportional to the load current.
12
DAC
Internal DAC reference output determined by ID codes
13
REF
Error amplifier input. A capacitor 0.1uF is used between REF and GND to smooth the
voltage transition during Dynamic ID operations.
14
COMP
Error amplifier output pin. Tie to compensation network
15
FB
Output voltage feedback pin.
16
IDROOP
Current proportional to load current is flowed out through this pin
17
VDIFF
Remote sense amplifier output. VDIFF-GND=VSEN-RGND
18
RGND
Remote sense amplifier input. Remote output GND
19
VSEN
Remote sense amplifier input. Remote output.
20
SD
Shutdown Intelli-phase @ Hiz state. MP2932 cooperates with MPS Intelli-phase and
SD pin is connected to the EN of Intelli-phase.
21
VCC
Power supply. Connect this pin directly to a +5V supply.
22
ISEN5-
Phase 5 current sense amplifier differential inputs.
23
ISEN5+
24
PWM5
Phase 5 PWM output.
25
PWM2
Phase 2 PWM output.
26
ISEN2+
Phase 2 current sense amplifier differential input.
27
ISEN2-
28
ISEN4-
Phase 4 current sense amplifier differential input.
29
ISEN4+
30
PWM4
Phase 4 PWM output.
31
PWM1
Phase 1 PWM output.
32
ISEN1+
Phase 1 current sense amplifier differential input.
33
ISEN1-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com