Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2932 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2932
Description  6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2932 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2932 Datasheet HTML 2Page - Monolithic Power Systems MP2932 Datasheet HTML 3Page - Monolithic Power Systems MP2932 Datasheet HTML 4Page - Monolithic Power Systems MP2932 Datasheet HTML 5Page - Monolithic Power Systems MP2932 Datasheet HTML 6Page - Monolithic Power Systems MP2932 Datasheet HTML 7Page - Monolithic Power Systems MP2932 Datasheet HTML 8Page - Monolithic Power Systems MP2932 Datasheet HTML 9Page - Monolithic Power Systems MP2932 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
MP2932 - 6-PHASE PWM CONTROLLER WITH 8-BIT ADC CODE
MP2932 Rev.1.02
www.MonolithicPower.com
6
4/30/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
34
ISEN3-
Phase 3 current sense amplifier differential input.
35
ISEN3+
36
PWM3
Phase 3 PWM output.
37
PWM6
Phase 6 PWM output.
38
ISEN6+
Phase 6 current sense amplifier differential input
39
ISEN6-
40
EN_PWR
Enable pin. It is used to synchronize power-up of the controller and MOSFET driver
ICs.
41
EN_VTT
Enable pin. It is controlled by output of VTT voltage regulator in the mother board.
42
FS
PWM frequency set pin. A resistor from FS to GND will set the switching frequency.
43
SS
Soft start oscillator frequency set pin. A resistor from SS to GND will set up the soft-
start ramp rate.
44
OVP
Overvoltage protection output indication pin. It can be pulled to VCC and is latched
when an overvoltage condition is detected.
45
VR_RDY
Open drain logic output. When soft start completed and output voltage is regulated in
the value determined by ID setting, VR_RDY is logic high.
46
VR_FAN
Open drain logic output. It is open when VR temperature reaches certain value
47
VR_HOT
Open drain logic output. It is open when VR temperature reaches certain value
48
TM
NTC resistor in this pin is used to monitor inductor temperature. Connect this pin
through an NTC thermistor to GND and a resistor to VCC of the controller. The voltage
at this pin is reverse proportional to the VR temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com