Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2932 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2932
Description  6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2932 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2932 Datasheet HTML 1Page - Monolithic Power Systems MP2932 Datasheet HTML 2Page - Monolithic Power Systems MP2932 Datasheet HTML 3Page - Monolithic Power Systems MP2932 Datasheet HTML 4Page - Monolithic Power Systems MP2932 Datasheet HTML 5Page - Monolithic Power Systems MP2932 Datasheet HTML 6Page - Monolithic Power Systems MP2932 Datasheet HTML 7Page - Monolithic Power Systems MP2932 Datasheet HTML 8Page - Monolithic Power Systems MP2932 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MP2932 - 6-PHASE PWM CONTROLLER WITH 8-BIT ADC CODE
MP2932 Rev.1.02
www.MonolithicPower.com
4
4/30/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
Operating conditions: VCC = 5V, unless otherwise noted.
Parameter
Test conditions
Min
Typ
Max
Units
Error Amplifier
Maximum Output Voltage
3.8
4.2
4.6
V
Output High Voltage @ 2mA
3.6
V
Output Low Voltage @ 2mA
1.8
V
Remote-sense Amplifier
Bandwidth
20
MHz
Output High Current
VSEN-RGND=2.5V
-100
100
μA
Output High Current
VSEN-RGND=0.6
-100
100
μA
PWM Output
PWM Output Voltage Low Threshold
ILOAD=±500μA
0.5
V
PWM Output Voltage High Threshold ILOAD=±500μA
4.3
V
Current Sense and Over-current Protection
Sensed Current Tolerance(IDROOP)
ISEN1=ISEN2=ISEN3=ISEN4=
ISEN5=ISEN6=50μA
47
50
53
μA
Overcurrent Trip level for Average
Current
72
85
98
μA
Peak Current Limit for Individual
Channel
120
μA
Maximum Voltage at IDROOP and
IOUT Pins
1.98
2.01
2.04
V
Thermal Monitoring and Fan Control
TM Input Voltage for VR_FAN TRIP
1.55
1.65
1.75
V
TM Input Voltage for VR_FAN Reset
1.85
1.95
2.05
V
TM Input Voltage for VR_HOT Trip
1.3
1.4
1.5
V
TM Input Voltage for VR_HOT Reset
1.55
1.65
1.75
V
Leakage current of VR_FAN
With externally pull-up resistor
connected to VCC
30
μA
VR_RAN Low Voltage
IVR_FAN=4mA
0.4
V
Leakage Current of VR_HOT
With externally pull-up resistor
connected to VCC
30
μA
VR_HOT Low Voltage
IVR_HOT=4mA
0.4
V
VR Ready and Protection Monitors
Leakage Current of VR_RDY
With externally pull-up resistor
connected to VCC
30
μA
VR_RDY Low Voltage
IVR_RDY=4mA
0.4
V
Undervoltage Threshold
VDIFF Falling
48
50
52
℅ID
VR_RDY Reset Voltage
VDIFF Rising
58
60
62
℅ID
Overvoltage Protection Threshold
Before Valid ID
1.250
1.275
1.300
V
After valid ID, the voltage above
ID
150
175
200
Mv
Overvoltage Protection Reset
Hysteresis
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com