Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2932 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2932
Description  6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2932 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2932 Datasheet HTML 11Page - Monolithic Power Systems MP2932 Datasheet HTML 12Page - Monolithic Power Systems MP2932 Datasheet HTML 13Page - Monolithic Power Systems MP2932 Datasheet HTML 14Page - Monolithic Power Systems MP2932 Datasheet HTML 15Page - Monolithic Power Systems MP2932 Datasheet HTML 16Page - Monolithic Power Systems MP2932 Datasheet HTML 17Page - Monolithic Power Systems MP2932 Datasheet HTML 18Page - Monolithic Power Systems MP2932 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
MP2932 - 6-PHASE PWM CONTROLLER WITH 8-BIT ADC CODE
MP2932 Rev.1.02
www.MonolithicPower.com
15
4/30/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
R
R
CC
TM
0.33V
0.28V
VR_FAN
VR_HOT
°C
REF
TM1
CC
VCC
Figure 10—Block Diagram of Thermal
Monitoring Function
Figure 10 shows the diagram of thermal
monitoring function block. One NTC resistor
should be placed close to the power stage of
the voltage regulator to sense the temperature,
and one pull-up resistor is needed to form the
voltage divider for the TM pin. As the
temperature of the power stage increases, the
resistance of the NTC will reduce, resulting in
the reduced voltage at the TM pin.
There are two comparators with hysteresis to
compare the TM pin voltage to the fixed
thresholds for VR_FAN and VR_HOT signals
respectively. The VR_FAN signal is set to high
when the TM voltage is lower than 33% of VCC
voltage, and is pulled to GND when the TM
voltage increases to above 39% of VCC voltage.
The VR_FAN signal is set to high when the TM
voltage goes below 28% of VCC voltage, and is
pulled to GND when the TM voltage goes back
to above 33% of VCC voltage. Figure 11 shows
the operation of those signals.
0.39*VCC
TEMPERATURE
T1
T2
T3
0.33*VCC
0.28*VCC
VR_FAN
VR_HOT
TM
Figure 11—VR_HOT and VR_FAN Signal vs.
TM Voltage
Current Sense Output
The MP2932 has 2 current sense output pins
IDROOP and IOUT, they are identical. In typical
application, IDROOP pin is connected to FB pin
for the application where load line is required.
IOUT pin was designed for load current
measurement.
The current from the IDROOP pin is the sensed
average current. In typical application, the
IDROOP pin is connected to the FB pin for the
application where load line is required. Load
current
information
can
be
obtained
by
measuring the voltage at IOUT pin with a
resistor connecting IOUT pin to the ground.
When load line function is not needed, the
IDROOP pin can be used to obtain the load
current information: with one resistor from the
IDROOP pin to GND, the voltage at the
IDROOP pin will be proportional to the load
current in Equation (14):
LOAD
I
ISEN
R
X
R
N
IDROOP
R
IDROOP
V
(14)
Where VIDROOP is the voltage at the IDROOP pin,
RIDROOP is the resistor between the IDROOP pin
and GND, ILOAD is the total output current of the
converter, RISEN is the sense resistor connected
to the ISEN+ pin, N is the active channel
number, and RX is the resistance of the current
sense element, either the DCR of the inductor
or RSENSE depending on the sensing method.
The resistor from the IDROOP pin to GND
should be chosen to ensure that the voltage at
the IDROOP pin is less than 2V under the
maximum load current.
If the IDROOP pin is not used, tie it to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com