Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2932 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2932
Description  6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2932 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2932 Datasheet HTML 1Page - Monolithic Power Systems MP2932 Datasheet HTML 2Page - Monolithic Power Systems MP2932 Datasheet HTML 3Page - Monolithic Power Systems MP2932 Datasheet HTML 4Page - Monolithic Power Systems MP2932 Datasheet HTML 5Page - Monolithic Power Systems MP2932 Datasheet HTML 6Page - Monolithic Power Systems MP2932 Datasheet HTML 7Page - Monolithic Power Systems MP2932 Datasheet HTML 8Page - Monolithic Power Systems MP2932 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP2932
6-Phase PWM Controller
with 8-Bit DAC Code for VR10 and VR11
MP2932 Rev.1.02
www.MonolithicPower.com
1
4/30/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2932 is a 6-phase, synchronous buck
switching regulator controller for regulating
microprocessor core voltage. MP2932 also uses
dual edge PWM mode to realize fast load
transient with fewer capacitors.
For meeting the requirement of microprocessor
output voltage drops tightly as load current
increases, output current is sensed to realize
voltage
droop
function.
Accurate
current
balancing is included in MP2932 to provide
current balance for each channel.
8-bit ID input with selectable VR11 code and
extended VR10 code can set output voltage
dynamically.
FEATURES
 2-, 3-, 4-, 5- or 6-phase Operation
 Channel-Current Balancing
 Voltage Droop vs. Load Current
 Precision Resistor or DCR Current Sensing
 Adjustable Switching Frequency
 Over Current Protection
 Available in a 48-pin QFN6x6 Package
APPLICATIONS
Power Modules
Desktop, Server, Core Voltage
POLs (Memory)
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION (6-PHASE BUCK CONVERTER)
DAC
MP2932
REF
PWM3
PWM4
TM
ISEN4-
ISEN3+
ISEN3-
PWM2
ISEN2+
ISEN2-
PWM1
ISEN1+
ISEN1-
OFS
FS
SS
ISEN4+
5V
GND
Vin
IOUT
OVP
VRSEL
ID0
ID1
ID2
ID3
ID4
ID5
ID6
ID7
VR_ RDY
VTT
EN_VTT
RGND
VSEN
VDIFF
IDROOP
FB
COMP VCC
5V
SD
BST
SW
VCC
PWM
GND
Intelli-phase
5V
Vin
Vin
EN
BST
SW
VCC
PWM
GND
5V
Vin
Vin
EN
BST
SW
VCC
PWM
GND
5V
Vin
Vin
EN
BST
SW
VCC
PWM
GND
5V
Vin
EN
EN_PWR
Vin
VR_ FAN
ROUT
VR_HOT
PWM5
ISEN5-
ISEN5+
PWM6
ISEN6-
ISEN6+
BST
SW
VCC
PWM
GND
5V
Vin
EN
Vin
BST
SW
VCC
PWM
GND
5V
Vin
EN
Intelli-phase
Intelli-phase
Intelli-phase
Intelli-phase
Intelli-phase


Similar Part No. - MP2932

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2930 MPS-MP2930 Datasheet
1Mb / 24P
4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
MP2930GQK MPS-MP2930GQK Datasheet
1Mb / 24P
4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
MP2935 MPS-MP2935 Datasheet
1Mb / 42P
4-Phase PWM Controller for VR12.5 Applications
MP2935ADQK MPS-MP2935ADQK Datasheet
1Mb / 42P
4-Phase PWM Controller for VR12.5 Applications
MP2935DQK MPS-MP2935DQK Datasheet
1Mb / 42P
4-Phase PWM Controller for VR12.5 Applications
More results

Similar Description - MP2932

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6556A INTERSIL-ISL6556A Datasheet
702Kb / 24P
Optimized Multi-Phase PWM Controller with 6-Bit DAC for VR10.X Application
December 29, 2004
ISL6556B INTERSIL-ISL6556B Datasheet
692Kb / 24P
Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
December 28, 2004
logo
Holtek Semiconductor In...
L6713A HOLTEK-L6713A Datasheet
626Kb / 64P
2/3 Phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
logo
STMicroelectronics
L6713A STMICROELECTRONICS-L6713A Datasheet
804Kb / 64P
2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
04-Aug-2008
logo
Altera Corporation
EC7401QI ALTERA-EC7401QI Datasheet
1Mb / 44P
4-Phase PWM Controller with 8-Bit DAC Code
logo
Intersil Corporation
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
logo
Monolithic Power System...
MP2930 MPS-MP2930 Datasheet
1Mb / 24P
4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
logo
Renesas Technology Corp
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
ISL6556A RENESAS-ISL6556A Datasheet
1Mb / 24P
Optimized Multiphase PWM Controller with 6-Bit DAC for VR10.X Application
ISL6556B RENESAS-ISL6556B Datasheet
1Mb / 24P
Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com