Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2932 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2932
Description  6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2932 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2932 Datasheet HTML 7Page - Monolithic Power Systems MP2932 Datasheet HTML 8Page - Monolithic Power Systems MP2932 Datasheet HTML 9Page - Monolithic Power Systems MP2932 Datasheet HTML 10Page - Monolithic Power Systems MP2932 Datasheet HTML 11Page - Monolithic Power Systems MP2932 Datasheet HTML 12Page - Monolithic Power Systems MP2932 Datasheet HTML 13Page - Monolithic Power Systems MP2932 Datasheet HTML 14Page - Monolithic Power Systems MP2932 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
MP2932 - 6-PHASE PWM CONTROLLER WITH 8-BIT ADC CODE
MP2932 Rev.1.02
www.MonolithicPower.com
11
4/30/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
If the RC network components are selected
such that the RC time constant (=R*C) matches
the inductor time constant (=L/DCR), the
voltage across the capacitor VC is equal to the
voltage drop across the DCR, i.e., proportional
to the channel current.
Therefore, the current out of ISEN+ pin (ISEN), is
proportional to the inductor current and it can
be seen form Equation (4).
ISEN
R
DCR
L
I
SEN
I
(4)
Resistive Sensing
For accurate current sense, a current-sense
resistor RSENSE in series with each output
inductor can also be adopted (see Figure 3).
This technique reduces overall converter
efficiency due to the additional power loss on
RSENSE.
Equation (5) shows the relationship between
the channel current to the sensed current ISEN.
ISEN
R
SENSE
R
L
I
SEN
I
(5)
CURRENT
SENSE
I
ISEN+(n)
ISEN-(n)
MP2932 INTERNAL CIRCUIT
L
IL
n
=I
R
R
SEN
I
L
SENSE
ISEN
RISEN(n)
RSENSE VOUT
COUT
CT
Figure 3—Sense Resistor in Series with
Inductors
Channel-Current Balance
The sensed current from each active channel is
summed together and divided by the number of
active channels. The resulting average current
(IAVG) provides a measure of the total load
current. Channel current balance is achieved by
comparing the sensed current of each channel
to the average current to make an appropriate
adjustment to the PWM duty cycle of each
channel.
Output Voltage and Load-Line Regulation
The MP2932 uses an internal differential
remote-sense amplifier as shown in Figure 4.
The microprocessor voltage is sensed between
the VSEN and RGND pins.
The output of the error amplifier (VCOMP) is
compared to sawtooth waveforms to generate
the PWM signals. The typical open-loop gain of
error amplifier is no less than 80dB, and the
typical open-loop bandwidth is no less than
20MHz. The PWM signals control the timing of
the
MPS
Intelli-phase
and
regulate
the
converter output to the specified reference
voltage.
R
C
R
C
MP2932 INTERNAL CIRCUIT
FB
ERROR AMPLIFIER
IDROOP
VDIFF
VSEN
RGND
DIFFERENTIAL
REMOTE-SENSE
AMPLIFIER
V
I
REF
DAC
COMP
EXTERNAL CIRCUIT
R
V
REF
REF
FB
DROOP
VOUT+
VOUT-
C
C
COMP
AVG
Figure 4—Output Voltage and Load-line
Regulation
The load-line is realized by a resistor RFB
connected between FB pin and the remote
sense output (VDIFF). As shown in Figure 4,
the average current of all active channels (IAVG)
flows from FB through the load-line regulation
resistor RFB. The resulting voltage drop across
RFB can be seen form Equation (6):
FB
R
AVG
I
DROOP
V
(6)
The output voltage is reduced by the droop
voltage VDROOP, and it is a function a load
current. It’s derived by combining Equation (6)
with the appropriate sensing current expression
defined by the current sense method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com