Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2932 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2932
Description  6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2932 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2932 Datasheet HTML 12Page - Monolithic Power Systems MP2932 Datasheet HTML 13Page - Monolithic Power Systems MP2932 Datasheet HTML 14Page - Monolithic Power Systems MP2932 Datasheet HTML 15Page - Monolithic Power Systems MP2932 Datasheet HTML 16Page - Monolithic Power Systems MP2932 Datasheet HTML 17Page - Monolithic Power Systems MP2932 Datasheet HTML 18Page - Monolithic Power Systems MP2932 Datasheet HTML 19Page - Monolithic Power Systems MP2932 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MP2932 - 6-PHASE PWM CONTROLLER WITH 8-BIT ADC CODE
MP2932 Rev.1.02
www.MonolithicPower.com
16
4/30/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Current Sensing Resistor
The resistors connected to the ISEN+ pins
determine the gains in the load-line regulation
loop and the channel-current balance loop as
well as setting the overcurrent trip point. Select
values for these resistors by using Equation
(15):
N
OCP
I
6
10
85
X
R
ISEN
R
(15)
Where RISEN is the sense resistor connected to
the ISEN+ pin, N is the active channel number,
RX is the resistance of the current sense
element, either the DCR of the inductor or
RSENSE depending on the sensing method, and
IOCP is the desired overcurrent trip point.
Typically, IOCP can be chosen to be 1.3x the
maximum
load
current
of
the
specific
application.
Load-Line Regulation Resistor
The load-line regulation resistor is labeled RFB
in Figure 4. Its value depends on the desired
load-line requirement of the application.
The desired load-line can be calculated by
using Equation (16):
FL
I
DROOP
V
LL
R
(16)
Where IFL is the full load current of the specific
application, and VRDROOP is the desired voltage
droop under the full load condition.
Based on the desired load-line RLL, the load-line
regulation resistor can be calculated by using
Equation (17):
X
R
LL
R
ISEN
NR
FB
R
(17)
Where N is the active channel number, RISEN is
the sense resistor connected to the ISEN+ pin,
and RX is the resistance of the current sense,
either the DCR of the inductor or RSENSE
depending on the sensing method.
Compensation
There are two distinct methods for achieving
the compensation.
Compensating Load-Line Regulated
Converter
The load-line regulated converter behaves in a
similar manner to a peak-current mode
controller because the two poles at the output-
filter L-C resonant frequency split with the
introduction of current information into the
control loop. The final location of these poles is
determined by the system function, the gain of
the current signal, and the value of the
compensation components, RC and CC.
Treating the system as though it were a
voltage-mode regulator by compensating the L-
C poles and the ESR zero of the voltage-mode.
R
C
C (OPTIONAL )
R
V
COMP
FB
IDROOP
VDIFF
MP2932
FB
DROOP
C
C
2
Figure 12— Compensation Circuit for
MP2932 with Load-line Regulation
The feedback resistor, RFB, has already been
chosen as outlined in “Load-Line Regulation
Resistor”. Select a target bandwidth for the
compensated system, f0. The target bandwidth
must be large enough to assure adequate
transient performance, but smaller than 1/3 of
the per-channel switching frequency. The
values
of
the
compensation
components
depend on the relationships of f0 to the L-C pole
frequency and the ESR zero frequency.
The optional capacitor C2, (22pF to 150pF) is
sometimes needed to bypass noise away from
the PWM comparator (see Figure 12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com