Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2932 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2932
Description  6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2932 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2932 Datasheet HTML 9Page - Monolithic Power Systems MP2932 Datasheet HTML 10Page - Monolithic Power Systems MP2932 Datasheet HTML 11Page - Monolithic Power Systems MP2932 Datasheet HTML 12Page - Monolithic Power Systems MP2932 Datasheet HTML 13Page - Monolithic Power Systems MP2932 Datasheet HTML 14Page - Monolithic Power Systems MP2932 Datasheet HTML 15Page - Monolithic Power Systems MP2932 Datasheet HTML 16Page - Monolithic Power Systems MP2932 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MP2932 - 6-PHASE PWM CONTROLLER WITH 8-BIT ADC CODE
MP2932 Rev.1.02
www.MonolithicPower.com
13
4/30/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Soft-Start
MP2932 has 4 periods during soft-start as
shown in Figure 7. After VCC, EN_VTT and
EN_PWR reach their POR/enable thresholds,
the controller will have fixed delay period td1
1.36ms. After the delay period, the VR will
begin first soft-start ramp until the output
voltage reaches 1.1V. Then, the controller will
regulate the VR voltage at 1.1V for another
fixed period td3. At the end of td3 period, MP2932
reads the ID signals. If the ID code is valid,
MP2932 will initiate the second soft-start ramp
until the voltage reaches the ID voltage minus
offset voltage.
VOUT
td1
td2
td3
td4
td5
500us/DIV
EN_VTT
VR_RDY
1.1V
Figure 7—Soft-Start Waveforms
The soft-start time is the sum of the 4 periods,
as shown in Equation (11):
d4
t
d3
t
d2
t
d1
t
SS
t
(11)
td1 is about 1.36ms. td3 is determined by the
fixed 85µs plus the time to obtain valid ID
voltage. If the ID is valid before the output
reaches the 1.1V, the minimum time to validate
the ID input is 500ns. Therefore the minimum
td3 is about 86µs.
During td2 and td4, MP2932 digitally controls the
DAC voltage change at 6.25mV per step. The
time for each step is determined by the
frequency of the soft-start oscillator which is
defined by the resistor RSS from SS pin to GND.
The second soft-start ramp time td2 and td4 can
be calculated based on Equations (12) and (13):
(us)
6.25
SS
R
1.1
d2
t
25
3
2
(12)
(us)
6.25
SS
R
1.1
VID
V
d4
t
25
3
2
(13)
For example, when ID is set to 1.5V and the
RSS is set at 100kΩ, the first soft-start ramp time
td2 will be 469µs and the second soft-start ramp
time td4 will be 171µs.
After the DAC voltage reaches the final ID
setting, VR_RDY will be set to high with the
fixed delay td5, it’s about 85µs.
VR_RDY Signal
The VR_RDY pin is an open-drain logic output.
It is pulled low during shutdown and releases
high after a successful soft-start. VR_RDY will
be pulled low when an under-voltage or over-
voltage condition is detected, or the controller is
disabled by a reset from EN_PWR, EN_VTT,
POR, or ID OFF-code.
Under-voltage Detection
The under-voltage threshold is set at 50% of
the ID code. When the output voltage at VSEN
is below the under-voltage threshold, VR_RDY
is pulled low.
Over-voltage Protection (OVP)
Regardless of the VR being enabled or not, the
MP2932 OVP circuit will be active after its POR.
The OVP thresholds are different at different
operation conditions. When VR is not enabled
and during the soft-start intervals td1, td2 and td3,
the OVP threshold is 1.275V. Once the
controller detects valid ID input, the OVP trip
point will be changed to DAC + 175mV.
SOFT-START, FAULT
AND CONTROL LOGIC
50%
DAC
VDIFF
VID + 0.175V
85uA
I
VR_RDY
OC
UV
OV
AVG
Figure 8—VR_RDY and Protection Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com