Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2932 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2932
Description  6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2932 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2932 Datasheet HTML 5Page - Monolithic Power Systems MP2932 Datasheet HTML 6Page - Monolithic Power Systems MP2932 Datasheet HTML 7Page - Monolithic Power Systems MP2932 Datasheet HTML 8Page - Monolithic Power Systems MP2932 Datasheet HTML 9Page - Monolithic Power Systems MP2932 Datasheet HTML 10Page - Monolithic Power Systems MP2932 Datasheet HTML 11Page - Monolithic Power Systems MP2932 Datasheet HTML 12Page - Monolithic Power Systems MP2932 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
MP2932 - 6-PHASE PWM CONTROLLER WITH 8-BIT ADC CODE
MP2932 Rev.1.02
www.MonolithicPower.com
9
4/30/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
BLOCK DIAGRAM
SS
ISEN4-
ISEN4+
ISEN3-
ISEN3+
ISEN2-
ISEN2+
ISEN1-
ISEN1+
I_TRIP
RGND
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
VRSEL
DAC
OFS
REF
FB
COMP
IDROOP
VR_HOT
VR_ FAN
TM
SD
GND
PWM6
PWM5
PWM2
PWM1
EN_PWR
EN_ VTT
0.875
0.875
VSEN
VDIFF VR_RDY
FS
X1
OVP
S
POWER-ON
RESET ( POR)
CLOCK AND
RAMP GENETATOR
SOFT- START
AND
FAULT LOGIC
+175mV
DYNAMIC
VID
DVA
OFFSET
E/A
OC1
CHANNEL
DETECT
CHANNEL
CURRENT
SENSE
CHANNEL
CURRENT
BALANCE
AND PEAK
CURRENT LIMIT
PWM
MODULATOR
PWM
MODULATOR
PWM
MODULATOR
PWM
MODULATOR
SHUTDOWN
DRIVER MOS @
Hiz STATE
THERMAL
MONITOR
N
1
PWM3
PWM
MODULATOR
PWM4
PWM
MODULATOR
ISEN6-
ISEN6+
ISEN5-
ISEN5+
OC2
IOUT
I_TOT
2V
OVP
OVP
DRIVE
S
Q
R
VCC
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com