Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2932 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP2932
Description  6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2932 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP2932 Datasheet HTML 15Page - Monolithic Power Systems MP2932 Datasheet HTML 16Page - Monolithic Power Systems MP2932 Datasheet HTML 17Page - Monolithic Power Systems MP2932 Datasheet HTML 18Page - Monolithic Power Systems MP2932 Datasheet HTML 19Page - Monolithic Power Systems MP2932 Datasheet HTML 20Page - Monolithic Power Systems MP2932 Datasheet HTML 21Page - Monolithic Power Systems MP2932 Datasheet HTML 22Page - Monolithic Power Systems MP2932 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
MP2932 - 6-PHASE PWM CONTROLLER WITH 8-BIT ADC CODE
MP2932 Rev.1.02
www.MonolithicPower.com
20
4/30/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Table 2—VR10 ID Table (with 6.25mV
Extension)
continued
ID4
400mV
ID3
200mV
ID2
100mV
ID1
50mV
ID0
25mV
ID5
12.5mV
ID6
6.25mV
VOLTAGE
(V)
1
1
1
1
0
0
1
1.11250
1
1
1
1
0
0
0
1.10625
1
1
1
1
0
1
1
1.10000
1
1
1
1
0
1
0
1.09375
1
1
1
1
1
0
1
OFF
1
1
1
1
1
0
0
OFF
1
1
1
1
1
1
1
OFF
1
1
1
1
1
1
0
OFF
0
0
0
0
0
0
1
1.08750
0
0
0
0
0
0
0
1.08125
0
0
0
0
0
1
1
1.07500
0
0
0
0
0
1
0
1.06875
0
0
0
0
1
0
1
1.06250
0
0
0
0
1
0
0
1.05625
0
0
0
0
1
1
1
1.05000
0
0
0
0
1
1
0
1.04375
0
0
0
1
0
0
1
1.03750
0
0
0
1
0
0
0
1.03125
0
0
0
1
0
1
1
1.02500
0
0
0
1
0
1
0
1.01875
0
0
0
1
1
0
1
1.01250
0
0
0
1
1
0
0
1.00625
0
0
0
1
1
1
1
1.00000
0
0
0
1
1
1
0
0.99375
0
0
1
0
0
0
1
0.9875
0
0
1
0
0
0
0
0.98125
0
0
1
0
0
1
1
0.97500
0
0
1
0
0
1
0
0.96875
0
0
1
0
1
0
1
0.9625
0
0
1
0
1
0
0
0.95625
0
0
1
0
1
1
1
0.95000
0
0
1
0
1
1
0
0.94375
0
0
1
1
0
0
1
0.93750
0
0
1
1
0
0
0
0.93125
0
0
1
1
0
1
1
0.92500
0
0
1
1
0
1
0
0.91875
0
0
1
1
1
0
1
0.91250
0
0
1
1
1
0
0
0.90625
0
0
1
1
1
1
1
0.90000
Table 2—VR10 ID Table (with 6.25mV
Extension)
continued
ID4
400mV
ID3
200mV
ID2
100mV
ID1
50mV
ID0
25mV
ID5
12.5mV
ID6
6.25mV
VOLTAGE
(V)
0
0
1
1
1
1
0
0.89375
0
1
0
0
0
0
1
0.88750
0
1
0
0
0
0
0
0.88125
0
1
0
0
0
1
1
0.87500
0
1
0
0
0
1
0
0.86875
0
1
0
0
1
0
1
0.86250
0
1
0
0
1
0
0
0.85625
0
1
0
0
1
1
1
0.85000
0
1
0
0
1
1
0
0.84375
0
1
0
1
0
0
1
0.83750
0
1
0
1
0
0
0
0.83125
Table 3—VR11 ID 8-BIT
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
VOLTAGE
0
0
0
0
0
0
0
0
OFF
0
0
0
0
0
0
0
1
OFF
0
0
0
0
0
0
1
0
1.60000
0
0
0
0
0
0
1
1
1.59375
0
0
0
0
0
1
0
0
1.58750
0
0
0
0
0
1
0
1
1.58125
0
0
0
0
0
1
1
0
1.57500
0
0
0
0
0
1
1
1
1.56875
0
0
0
0
1
0
0
0
1.56250
0
0
0
0
1
0
0
1
1.55625
0
0
0
0
1
0
1
0
1.55000
0
0
0
0
1
0
1
1
1.54375
0
0
0
0
1
1
0
0
1.53750
0
0
0
0
1
1
0
1
1.53125
0
0
0
0
1
1
1
0
1.52500
0
0
0
0
1
1
1
1
1.51875
0
0
0
1
0
0
0
0
1.51250
0
0
0
1
0
0
0
1
1.50625
0
0
0
1
0
0
1
0
1.50000
0
0
0
1
0
0
1
1
1.49375
0
0
0
1
0
1
0
0
1.48750
0
0
0
1
0
1
0
1
1.48125
0
0
0
1
0
1
1
0
1.47500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com