Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2932 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2932
Description  6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2932 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2932 Datasheet HTML 10Page - Monolithic Power Systems MP2932 Datasheet HTML 11Page - Monolithic Power Systems MP2932 Datasheet HTML 12Page - Monolithic Power Systems MP2932 Datasheet HTML 13Page - Monolithic Power Systems MP2932 Datasheet HTML 14Page - Monolithic Power Systems MP2932 Datasheet HTML 15Page - Monolithic Power Systems MP2932 Datasheet HTML 16Page - Monolithic Power Systems MP2932 Datasheet HTML 17Page - Monolithic Power Systems MP2932 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MP2932 - 6-PHASE PWM CONTROLLER WITH 8-BIT ADC CODE
MP2932 Rev.1.02
www.MonolithicPower.com
14
4/30/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
At the beginning of an over-voltage event, all
PWM outputs are commanded low instantly
(>20ns). The Intelli-phase LS-FET is turned on.
When the VDIFF voltage falls below the DAC +
75mV, PWM signals enter a Hi-Z state, and the
SD pin is pulled low to turn off the Intelli-phase.
If the over-voltage condition reoccurs, the
MP2932 will again command the LS-FET to
turn on. The MP2932 will continue to protect the
load in this way as long as the over-voltage
condition occurs.
Once an over-voltage condition is detected,
normal PWM operation ceases until the
MP2932 is reset. Cycling the voltage on
EN_PWR, EN_VTT or VCC below the POR-
falling threshold will reset the controller. Cycling
the ID codes will not reset the controller.
Over-current Protection (OCP)
MP2932
has
two
levels
of
over-current
protection. Each phase is protected from a
sustained over-current condition by limiting its
peak current, while the combined phase
currents are protected on an instantaneous
basis.
In instantaneous protection mode, the MP2932
adopts the sensed average current IAVG to
detect an over-current condition. The IAVG is
compared with a constant 85µA reference
current, as shown in Figure 8. Once IAVG
exceeds 85µA, a comparator triggers the
converter to shutdown. At the beginning of
over-current shutdown, the controller places all
PWM signals in a Hi-Z state within 20ns to turn
off the Intelli-phase. The system remains in this
state about 12ms. If the controller is still
enabled at the end of this wait period, it will
attempt a soft-start. If the fault remains, the
hiccup mode will continue indefinitely until
either controller is disabled or the fault is
cleared.
OUTPUT VOLTAGE
OUTPUT CURRENT
0A
0V
Figure 9—Over-current Behavior in HICCUP
Mode. Fsw = 600kHz
For
the
individual
channel
over-current
protection, the MP2932 continuously compares
the sensed current signal of each channel with
the 120µA reference current. If one channel
current exceeds the reference current, MP2932
will pull PWM signal of this channel to low for
the rest of the switching cycle. This PWM signal
can be turned on next cycle if the sensed
channel current is less than the 120µA
reference current. The peak current limit of
individual channel will not trigger the converter
to shutdown.
Thermal Monitoring (VR_HOT/VR_FAN)
There are two thermal signals to indicate the
temperature status of the voltage regulator:
VR_HOT and VR_FAN. Both VR_FAN and
VR_HOT pins are open-drain outputs, and
external pull-up resistors are required. Those
signals are valid only after the controller is
enabled.
The
VR_FAN
signal
indicates
that
the
temperature of the voltage regulator is high and
more cooling airflow is needed. The VR_HOT
signal can be used to inform the system that the
temperature of the voltage regulator is too high
and the CPU should reduce its power
consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com