Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 106 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 106 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 102Page - Advanced Micro Devices AM85C30 Datasheet HTML 103Page - Advanced Micro Devices AM85C30 Datasheet HTML 104Page - Advanced Micro Devices AM85C30 Datasheet HTML 105Page - Advanced Micro Devices AM85C30 Datasheet HTML 106Page - Advanced Micro Devices AM85C30 Datasheet HTML 107Page - Advanced Micro Devices AM85C30 Datasheet HTML 108Page - Advanced Micro Devices AM85C30 Datasheet HTML 109Page - Advanced Micro Devices AM85C30 Datasheet HTML 110Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 194 page
background image
Support Circuitry Programming
AMD
5–12
Bit Cell
17
Count 16
19
18
21
20
23
22
25
24
27
26
28
30
29
31
1
03
25
47
69
811
10
12
14
13
15
Correction
Add One Count
Subtract One Count
No Change
No Change
DPLL Out
Figure 5–6. DPLL in NRZI Mode
However, if the transition marking a bit cell boundary occurs between the middle of count
16 and count 31 the DPLL is sampling the data too early in the bit cell. In response to this
the DPLL extends its count by one during the next 0 to 31 counting cycle, which effec-
tively moves the edge of the clock that samples the receive data closer to the center of
the bit cell. In a similar manner, if the transition occurs between count 0 and the middle of
count 15, the output of the DPLL is sampling the data to late in the bit cell. To correct this,
the DPLL shortens its count by one during the next 0 to 31 counting cycle, which effec-
tively moves the edge of the clock that samples the receive data closer to the center of
the bit cell.
In NRZI mode, if the DPLL does not see any transition during a counting cycle, no adjust-
ment is made in the following counting cycle. If an adjustment to the counting cycle is
necessary the DPLL modifies count five, either deleting it or doubling it. Thus only the
Low time of the DPLL output will be lengthened or shortened. While the DPLL is in search
mode, the counter remains at count 16, where the DPLL outputs are both High. An exam-
ple of the DPLL in operation is shown in Figure 5–7.
5.5.3.2
FM Mode
In FM mode, the clock supplied to the DPLL must be 16 times the data rate. In this mode
the transmit clock output of the DPLL lags the receive clock output by 90 degrees. This is
necessary to make the transmit and receive bit cell boundaries coincide, since the receive
clock must sample the data one-fourth and three-fourths of the way through the bit cell. In
FM mode the DPLL requires a transition in every bit cell, and if this transition is not pre-
sent in two consecutive sampled bit cells, the DPLL automatically enters search mode.
The DPLL uses the clock supplied, along with the receive data, to construct receive and
transmit clock outputs that are phased to receive and transmit data properly. In FM mode
the counter in the DPLL still counts from 0 to 31 but now each cycle corresponds to 2 bit
cells. In order to make adjustments and remain in phase with the receive data, the DPLL
divides a pair of bit cells into five regions, making the adjustment to the counter depend-
ent upon which region the transition on the receive data input occurred. This is shown in
Figure 5–8.
Ordinarily, a bit cell boundary will occur between count 15 or count 16, and the DPLL re-
ceive output will cause the data to be sampled at one-fourth and three-fourths of the way
through the bit cell. The DPLL actually allows the transition marking a bit cell boundary to
occur anywhere during the second half of count 15 or the first half of count 16 without
making a correction to its count cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com