Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 108 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 108 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 104Page - Advanced Micro Devices AM85C30 Datasheet HTML 105Page - Advanced Micro Devices AM85C30 Datasheet HTML 106Page - Advanced Micro Devices AM85C30 Datasheet HTML 107Page - Advanced Micro Devices AM85C30 Datasheet HTML 108Page - Advanced Micro Devices AM85C30 Datasheet HTML 109Page - Advanced Micro Devices AM85C30 Datasheet HTML 110Page - Advanced Micro Devices AM85C30 Datasheet HTML 111Page - Advanced Micro Devices AM85C30 Datasheet HTML 112Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 194 page
background image
Support Circuitry Programming
AMD
5–14
With all three of these data encoding methods there will be at least one transition in every
bit cell, and in FM mode the DPLL is designed to expect this transition. In particular, if no
transition occurs between the middle of count 12 and the middle of count 19, the DPLL is
probably not locked onto the data properly. When the DPLL misses an edge the One
Clock Missing bit in RR10 is set to ‘1’ and latched. It will hold this value until a Reset
Missing Clock command is issued in WR14 or until the DPLL is disabled or programmed
to enter the Search mode.
Upon missing this one edge the DPLL takes no other action and does not modify its count
during the next counting cycle. However, if the DPLL does not see an edge between the
middle of count 12 and the middle of count 19 in two successive 0 to 31 count cycles, a
line Figure 5–7. DPLL Operating Example error condition is assumed. If this occurs, the
two Clocks Missing bits in RR10 are set to ‘1’ and latched. At the same time the DPLL
enters the Search mode. The DPLL makes the decision to enter Search mode during
count 2, where both the receive and transmit clock outputs are Low. This prevents any
glitches on the clock outputs when Search mode is entered. While in Search mode no
clock outputs are provided by the DPLL. The two Clocks Missing bit in RR10 is latched
until a Reset Missing Clock command is issued in WR14, or until the DPLL is disabled or
programmed to enter the Search mode.
In NRZI Mode of operation and while the DPLL is disabled, the One and Two Clock Miss-
ing bits in RR10 will be reset to ‘0’.
Bit Cell
17
Count 16
19
18
21
20
23
22
25
24
27
26
28
30
29
31
1
03
25
47
69
811
10
12
14
13
15
Correction
Ignored
No Change
No Change
RX DPLL Out
+1
–1
TX DPLL Out
Figure 5–8. DPLL in FM Mode
11
0
0
1
0
Data
Manchester
RX DPLL Out
TX DPLL Out
Figure 5–9. Manchester Clock Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com