Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 143 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 143 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 139Page - Advanced Micro Devices AM85C30 Datasheet HTML 140Page - Advanced Micro Devices AM85C30 Datasheet HTML 141Page - Advanced Micro Devices AM85C30 Datasheet HTML 142Page - Advanced Micro Devices AM85C30 Datasheet HTML 143Page - Advanced Micro Devices AM85C30 Datasheet HTML 144Page - Advanced Micro Devices AM85C30 Datasheet HTML 145Page - Advanced Micro Devices AM85C30 Datasheet HTML 146Page - Advanced Micro Devices AM85C30 Datasheet HTML 147Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 194 page
background image
Register Description
AMD
6–33
the Low-to-High transition on ZC. The interrupt service routing should check the other
External/Status conditions for changes. If none changed, ZC was the source. In polled
applications, check the IP bit in RR3A for a status change and then proceed as in the in-
terrupt service routine.
Bit 0: RX Character Available
This bit is set to ‘1’ when at least one character is available in the receive FIFO and is
reset when the receive FIFO is completely empty. A channel or hardware reset empties
the receive FIFO.
6.3.2
Read Register 1
RR1 contains the Special Receive Condition status bits and the residue codes for the I-
Field in SDLC mode. Figure 6–19 shows the bit positions for RR1.
D7 D6 D5 D4 D3 D2 D1 D0
Residue Code 0
Parity Error
Rx Overrun Error
CRC/Framing Error
All Sent
Residue Code 2
Residue Code 1
End of Frame (SDLC)
* Modified in B Channel.
Figure 6–19. Read Register 1
Bit 7: End of Frame (SDLC)
This bit is used only in SDLC mode and indicates that a valid closing flag has been re-
ceived and that the CRC Error bit and residue codes are valid. This bit can be reset by
issuing the Error Reset command. It is also updated by the first character of the following
frame. This bit is reset in any mode other than SDLC.
Bit 6: CRC/Framing Error
If a framing error occurs (in Asynchronous mode), this bit is set (and not latched) for the
receive character in which the framing error occurred. Detection of a framing error adds
an additional one-half bit to the character time so that the framing error is not interpreted
as a new Start bit. In Synchronous and SDLC modes, this bit indicates the result of com-
paring the CRC checker to the appropriate check value. This bit is reset by issuing an
Error Reset command, but the bit is never latched. Therefore, it is always updated when
the next character is received. When used for CRC error status in Synchronous or SDLC
modes, this bit is usually set since most bit combinations, except for a correctly com-
pleted message, result in a non-zero CRC.
The CRC bit is valid only if CRC is enabled and if the second byte of the CRC is at the
top of the receive data FIFO. IF the Frame Status FIFO is enabled and contains at least
one frame of data, then the CRC bit of the Frame Status FIFO (note that this register is
physically different from the standard RR1) will be valid. Note that the CRC bytes could



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com