Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 147 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 147 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 143Page - Advanced Micro Devices AM85C30 Datasheet HTML 144Page - Advanced Micro Devices AM85C30 Datasheet HTML 145Page - Advanced Micro Devices AM85C30 Datasheet HTML 146Page - Advanced Micro Devices AM85C30 Datasheet HTML 147Page - Advanced Micro Devices AM85C30 Datasheet HTML 148Page - Advanced Micro Devices AM85C30 Datasheet HTML 149Page - Advanced Micro Devices AM85C30 Datasheet HTML 150Page - Advanced Micro Devices AM85C30 Datasheet HTML 151Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 194 page
background image
Register Description
AMD
6–37
6.3.7
Read Register 8
RR8 is the Receive Data register.
6.3.8
Read Register 10
RR10 contains some miscellaneous status bits. Unused bits are always ‘0’. Bit positions
for RR10 are shown in Figure 6–24.
D7 D6 D5 D4 D3 D2 D1 D0
0
Loop Sending
0
Two Clocks Missing
0
On Loop
0
One Clock Missing
Figure 6–24. Read Register 10
Bit 7: One Clock Missing
While operating in the FM mode, the DPLL sets this bit to ‘1’ when it does not see a clock
edge on the incoming lines in the window where it expects one. This bit is latched until
reset by a Reset Missing Clock or Enter Search Mode command in WR14. In the NRZI
mode of operation and while the DPLL is disabled, this bit is always ‘0’.
Bit 6: Two Clocks Missing
While operating in the FM mode, the DPLL sets this bit to ‘1’ when it does not see a clock
edge in two successive tries. At the same time the DPLL enters the Search mode. This bit
is latched until reset by a Reset Missing Clock or Enter Search Mode command in WR14.
In the NRZI mode of operation and while the DPLL is disabled, this bit is always ‘0’.
Bit 4: Loop Sending
This bit is set to ‘1’ in SDLC Loop mode while the transmitter is in control of the Loop, that
is, while the SCC is actively transmitting on the loop. This bit is reset at all other times.
This bit can be polled in SDLC mode to determine when the closing flag has been sent.
Bit 1: On Loop
This bit is set to ‘1’ while the SCC is actually on-loop in SDLC Loop mode. This bit is set
to ‘1’ in the X21 mode (Loop mode selected while in monosync) when the transmitter
goes active. This bit is ‘0’ at all other times. This bit can also be polled in SDLC mode to
determine when the closing flag has been sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com