Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 156 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 156 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 152Page - Advanced Micro Devices AM85C30 Datasheet HTML 153Page - Advanced Micro Devices AM85C30 Datasheet HTML 154Page - Advanced Micro Devices AM85C30 Datasheet HTML 155Page - Advanced Micro Devices AM85C30 Datasheet HTML 156Page - Advanced Micro Devices AM85C30 Datasheet HTML 157Page - Advanced Micro Devices AM85C30 Datasheet HTML 158Page - Advanced Micro Devices AM85C30 Datasheet HTML 159Page - Advanced Micro Devices AM85C30 Datasheet HTML 160Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 194 page
background image
SCC Application Notes
AMD
7–7
7.2
POLLED ASYNCHRONOUS MODE
7.2.1
Introduction
This section describes the use of the SCC in polled Asynchronous mode. The device can
be set with 5 to 8 bits per character, 1, 1-1/2, or 2 stop bits, and a wide range of baud
rates. In this particular example, 8 bits per character, 2 stop bits and 9600 baud rate are
used. An external 2.4576 MHz, crystal oscillator is used for baud-rate generation. The
SCC can be programmed for local loopback for on-board diagnostics. The user can make
use of this feature to test-program the part without additional hardware to simulate an ac-
tual transmit and receive environment.
Table 7–3. SCC Register Reset Values
0
0
0
0
0000
7
6
5
4
3210
WR0
Register
Hardware Reset
00
0
0
WR1
WR2
0
WR3
WR4
0
WR5
WR6
WR7
11
0
0
WR9
WR10
WR11
WR12
WR13
0
WR14
0
WR15
RR0
RR1
RR3
0
RR10
01
0
0
00
00
0
0
0
0
0
0
0
0000
7
6
5
4
3210
Channel Reset
00
0
0
0
0
0
0
0
0
01
0
0
0
00
00
0
0
0
00
1
0
000
00
0
0
0
0
0
0
00
0
0
0
0
10
00
10
0
0
0
10
11
1
1
1
0
0
01
0
0
0
1
1
0
0
0
0
00
00
0
00
00
0
0
0
00
00
1
1
10
1
11
11
0
0
0
10
0
0
0
00
0
0
0
0
000
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com