Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 157 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 157 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 153Page - Advanced Micro Devices AM85C30 Datasheet HTML 154Page - Advanced Micro Devices AM85C30 Datasheet HTML 155Page - Advanced Micro Devices AM85C30 Datasheet HTML 156Page - Advanced Micro Devices AM85C30 Datasheet HTML 157Page - Advanced Micro Devices AM85C30 Datasheet HTML 158Page - Advanced Micro Devices AM85C30 Datasheet HTML 159Page - Advanced Micro Devices AM85C30 Datasheet HTML 160Page - Advanced Micro Devices AM85C30 Datasheet HTML 161Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 194 page
background image
SCC Application Notes
AMD
7–8
7.2.2
SCC Interface
Figure 7–2 shows the SCC to CPU interface required for this application. The 8-bit data
bus and control lines all come from the user’s CPU. The Am8530 control lines are
RD,
WR, A/B, D/C and CE. PCLK comes from the system clock, or an external crystal, up to
the maximum rate of the SCC. The IEI and the
INTACK pins should be pulled up. The
baud-rate generator clock is connected to the
RTxC pin.
7.2.3
SCC Initialization
Initialization of the SCC for polled asynchronous communication is divided into two parts;
part one programs the operating modes of the SCC and part two enables them (refer to
Table 7–4). Care must be taken when writing the software to meet the SCC’s Cycle and
Reset Recovery times. The Cycle Recovery time, 6 PCLK cycles, applies to the period
between any Read or Write cycles affecting the SCC. The Reset Recovery time is the
period after a hardware reset caused either by hardware or software; this recovery time
extends the Cycle Recovery time to 11 PCLK cycles.
Data
8
Control
5
System
VCC VCC
XTAL
OSC
2.4576 MHz
OSC
PCLK
RTxC
INTACK
IEI
D0 – D7
SCC
Pin 12 For Channel A
Pin 28 For Channel B
Figure 7–2. SCC Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com