Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3648 Datasheet(PDF) 7 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 7 Page - ams AG

Back Button AS3648 Datasheet HTML 3Page - ams AG AS3648 Datasheet HTML 4Page - ams AG AS3648 Datasheet HTML 5Page - ams AG AS3648 Datasheet HTML 6Page - ams AG AS3648 Datasheet HTML 7Page - ams AG AS3648 Datasheet HTML 8Page - ams AG AS3648 Datasheet HTML 9Page - ams AG AS3648 Datasheet HTML 10Page - ams AG AS3648 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
6 - 38
AS3648
Datasheet, Confidential - E l e c t r i c a l C h a r a c t e r i s t i c s
I
2C mode timings - see Figure 3 on page 7
fSCLK
SCL Clock Frequency
1/
tTIMEO
UT
400
kHz
tBUF
Bus Free Time
Between a STOP and
START Condition
1.3
µs
tHD:STA
Hold Time (Repeated)
START Condition
7
0.6
µs
tLOW
LOW Period of SCL
Clock
1.3
µs
tHIGH
HIGH Period of SCL
Clock
0.6
µs
tSU:STA
Setup Time for a
Repeated START
Condition
0.6
µs
tHD:DAT
Data Hold Time
8
00.9
µs
tSU:DAT
Data Setup Time
9
100
ns
tR
Rise Time of Both
SDA and SCL Signals
20 +
0.1CB
300
ns
tF
Fall Time of Both SDA
and SCL Signals
20 +
0.1CB
300
ns
tSU:STO
Setup Time for STOP
Condition
0.6
µs
CB
Capacitive Load for
Each Bus Line
CB — total capacitance of one bus line in pF
400
pF
CI/O
I/O Capacitance
(SDA, SCL)
10
pF
1. For VBAT=4.5V, SCL=1.8V, SDA=1.8V maximum ISTANBY is <16µA.
2. To improve efficiency at low output currents, the active part of the internal switching transistor PMOS is reduced
in size to 1/5 its original size. This reduces the current required to drive the PMOS transistor and therefore
improves overall efficiency at low output currents.
3. The maximum current driving capability depends on supply voltageVVIN, LED forward voltage and coil peak cur-
rent limit.
4. Due to slope compensation of the current limit, ILIMIT changes with duty cycle - see Figure 16 on page 10.
5. The logic input levels VIH and VIL allow for 1.2V or 1.8V supplied driving circuit
6. A pulldown current of 36µA is equal to a pulldown resistor of 42k
 at 1.5V
7. After this period, the first clock pulse is generated.
8. A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIHMIN of the
SCL signal) to bridge the undefined region of the falling edge of SCL.
9. A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT = to 250ns must then
be met. This is automatically the case if the device does not stretch the LOW period of the SCL signal. If such a
device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line tR max +
tSU:DAT = 1000 + 250 = 1250ns before the SCL line is released.
Table 4. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com