Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3648 Datasheet(PDF) 16 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 16 Page - ams AG

Back Button AS3648 Datasheet HTML 12Page - ams AG AS3648 Datasheet HTML 13Page - ams AG AS3648 Datasheet HTML 14Page - ams AG AS3648 Datasheet HTML 15Page - ams AG AS3648 Datasheet HTML 16Page - ams AG AS3648 Datasheet HTML 17Page - ams AG AS3648 Datasheet HTML 18Page - ams AG AS3648 Datasheet HTML 19Page - ams AG AS3648 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
15 - 38
AS3648
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Before a flash is started the voltage on VIN is measured. If the voltage is below the setting of vin_low_v the fault_uvlo
(see page 27) is set and the flash is disabled (driver stays in shutdown) if vin_low_v_shutdown=1. The flash current is
reduced to flash_txmask_current if vin_low_v_shutdown=0.
During flash, if the voltage on VIN drops below the threshold defined by vin_low_v_run, the flash current is reduced (or
ramping of the current is stopped during flash current startup) and fault_uvlo is set. The timing for the reduction of the
current is 8µs/LSB current change.
During the flash pulse the actual used current can be readout by the register led_current_actual.
After the flash pulse the minimum current can be readout by the register led_current_min - this allows to adjust the
camera sensitivity (gain or iso-settings) for the subsequent flash pulse (e.g. when using a pre-flash and a main flash
pulse).
The internal circuit for low voltage current reductions are shown in Figure 20:
Figure 20. Low Voltage current Reduction Internal Circuit
A mobile phone camera flash system can trigger a diagnostic flash and a main-flash:
The diagnostic flash is initiated by the processor. After this diagnostic flash, the determined maximum flash current can
be read back through the I
2C interface from register led_current_min (see page 29) and used for the setting for the
main flash. Therefore the current in the main-flash is constant and additionally the camera system can use this current
for picture quality adjustments - the waveforms for this concept are shown in Figure 21:







  
 

!" !#$
%"&  '
(
) 

( *


( +

 
  ,- 
)
- -
(.
)
&
AS3648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com