Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3648 Datasheet(PDF) 30 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 30 Page - ams AG

Back Button AS3648 Datasheet HTML 26Page - ams AG AS3648 Datasheet HTML 27Page - ams AG AS3648 Datasheet HTML 28Page - ams AG AS3648 Datasheet HTML 29Page - ams AG AS3648 Datasheet HTML 30Page - ams AG AS3648 Datasheet HTML 31Page - ams AG AS3648 Datasheet HTML 32Page - ams AG AS3648 Datasheet HTML 33Page - ams AG AS3648 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
29 - 38
AS3648
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
4
led_out2above1
0R
Measure the voltage difference between LED_OUT1
vs.LED_OUT2 during operation of the DCDC
0
1
V(LED_OUT2) > V(LED_OUT1) +
VLED_OUTCOMP_HYST
5
load_balance_on
0R/W
Balance the current sinks (up to +/-10% of set current) to
improve application efficiency for unmatched LED forward
voltages - see Load Balancing on page 17
0
disabled
1
enabled
Table 17. Minimum LED Current Register
Addr: Eh
Minimum LED Current Register
This register reports the minimum LED current from the last operation
cycle
Bit
Bit Name
Default Access
Description
7:0
led_current_min
123
00h
R
Minimum current through the current sink (only including all
current reductions as described in Current Reduction by
VIN measurements in Flash Mode excluding current
reductions caused by TXMASK)
1. Only the current through LED_OUT1 is reported.
2. As the internal change of this register is asynchronous to the readout, it is recommended to readout the register
after the flash pulse. The register will store the minimum current through the LED after e.g. a previous flash.
This current can be used for a subsequent flash pulse for a safe operating range.
3. This register is only set if an actual current reduction happens (fault_uvlo (see page 27)=1) otherwise
led_current_min=0.
Table 18. Actual LED Current Register
Addr: Fh
Actual LED Current Register
This register reports the actual set LED current
Bit
Bit Name
Default Access
Description
7:0
led_current_actual
12
00h
R
Actual set current through the current sink (including all
current reductions as described in Flash Current
Reductions including LED current ramp up/down)
1. Only the current through LED_OUT1 is reported.
2. As the internal change of this register is asynchronous to the readout, it is recommended to readout the register
twice and compare the results.
Table 15. PWM and Indicator Register (Continued)
Addr: 9
PWM and Indicator Register
This register defines the PWM mode (e.g. for indicator) and 4/1MHz mode
switching
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com