Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3648 Datasheet(PDF) 28 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 28 Page - ams AG

Back Button AS3648 Datasheet HTML 24Page - ams AG AS3648 Datasheet HTML 25Page - ams AG AS3648 Datasheet HTML 26Page - ams AG AS3648 Datasheet HTML 27Page - ams AG AS3648 Datasheet HTML 28Page - ams AG AS3648 Datasheet HTML 29Page - ams AG AS3648 Datasheet HTML 30Page - ams AG AS3648 Datasheet HTML 31Page - ams AG AS3648 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
27 - 38
AS3648
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
3
out_on
0R/W
Enables the output current sinks (pin LED_OUT1/2)
0
outputs disabled
1
outputs enabled
(out_on and mode_setting are automatically cleared
after a flash pulse)
1. The MSB bit of this register not used to protect the LED; therefore the maximum assist light current = half the
maximum flash current
Table 13. Strobe Signalling Register
Addr: 7
Strobe Signalling Register
This register defines the flash current reducing and mode for STROBE
Bit
Bit Name
Default Access
Description
6
strobe_type
1R/W
Defines if the STROBE input is edge or level sensitive; see
also bit strobe_on (page 27)
0
STROBE input is edge sensitive
1
STROBE input is level sensitive
7
strobe_on
1R/W
Enables the STROBE input
0
STROBE input disabled
1
STROBE input enabled
in flash mode
Table 14. Fault Register
Addr: 8
Fault Register
This register identifies all the different fault conditions and provide
information about the LED detection
Bit
Bit Name
Default Access
Description
0
fault_uvlo
0
R/sC
1
an undervoltage event has happened - see Current
Reduction by VIN measurements in Flash Mode on page 14
0No
1Yes
1
reserved
0
R
reserved - don’t use
2
reserved
0
R
reserved - don’t use
3
fault_txmask
0
R/sC
1
TXMASK/TORCH event triggered during flash - see
TXMASK event occurred on page 12
0No
1Yes
4
fault_timeout
0
R/sC
1
see Flash Timeout on page 12
0No fault
1
Flash timeout exceeded
Table 12. Control Register (Continued)
Addr: 6
Control Register
This register identifies the operating mode and includes an all on/off bit
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com