Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3648 Datasheet(PDF) 19 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 19 Page - ams AG

Back Button AS3648 Datasheet HTML 15Page - ams AG AS3648 Datasheet HTML 16Page - ams AG AS3648 Datasheet HTML 17Page - ams AG AS3648 Datasheet HTML 18Page - ams AG AS3648 Datasheet HTML 19Page - ams AG AS3648 Datasheet HTML 20Page - ams AG AS3648 Datasheet HTML 21Page - ams AG AS3648 Datasheet HTML 22Page - ams AG AS3648 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
18 - 38
AS3648
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Figure 25. AS3648 flash duration defined by flash_timeout, starting flash with STROBE rising edge
Figure 26. AS3648 flash duration and start defined by STROBE, limited by flash_timeout; timer not expired
Figure 27. AS3648 flash duration and start defined by STROBE, limited by flash_timeout; timer expired
I2C Serial Data Bus
The AS3648 supports the I
2C bus protocol. A device that sends data onto the bus is defined as a transmitter and a
device receiving data as a receiver. The device that controls the message is called a master. The devices that are
controlled by the master are referred to as slaves. A master device that generates the serial clock (SCL), controls the
bus access, and generates the START and STOP conditions must control the bus. The AS3648 operates as a slave on
the I
2C bus. Within the bus specifications a standard mode (100kHz maximum clock rate) and a fast mode (400kHz
maximum clock rate) are defined. The AS3648 works in both modes. Connections to the bus are made through the
open-drain I/O lines SDA and SCL.
The following bus protocol has been defined (Figure 28):



 
  
  
  !"
# $ %

&



 

  !"
#  !"
$  %

  &!"
'



 
  
  
! "

  #$
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com