Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3648 Datasheet(PDF) 29 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 29 Page - ams AG

Back Button AS3648 Datasheet HTML 25Page - ams AG AS3648 Datasheet HTML 26Page - ams AG AS3648 Datasheet HTML 27Page - ams AG AS3648 Datasheet HTML 28Page - ams AG AS3648 Datasheet HTML 29Page - ams AG AS3648 Datasheet HTML 30Page - ams AG AS3648 Datasheet HTML 31Page - ams AG AS3648 Datasheet HTML 32Page - ams AG AS3648 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
28 - 38
AS3648
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
5
fault_overtemp
0
R/sC
1
see Overtemperature Protection on page 12
0No fault
1
Junction temperature limit has been exceeded
6
fault_led_short
0
R/sC
1
see Short Circuit Protection on page 12
0No fault
1
A shorted LED is detected (pin LED_OUT1/2)
7
fault_ovp
0
R/sC
1
see Overvoltage Protection on page 11
0No fault
1
An overvoltage condition is detected (pin VOUT)
1. R/sC = Read, self clear; after readout the register is automatically cleared
Table 15. PWM and Indicator Register
Addr: 9
PWM and Indicator Register
This register defines the PWM mode (e.g. for indicator) and 4/1MHz mode
switching
Bit
Bit Name
Default Access
Description
1:0
inct_pwm
00
R/W
Define the AS3648 PWM with 31.25kHz operation for
indicator or low current mode (mode_setting=01)
00
1/16 duty cycle
01
2/16 duty cycle
10
3/16 duty cycle
11
4/16 duty cycle
2
freq_switch_on
0R/W
Exact frequency switching between 4MHz/1MHz for assist
and flash modes for operation close to maximum
pulsewidth
0
Pulseskip operation is allowed for all modes -
results in better efficiency
1
In flash and assist light mode (indicator mode or low
current mode using PWM always will use pulseskip) if
led_current1>=40h and led_current2>=40h and
current_boost=0 , the DCDC is running at 4MHz or
1MHz (pulseskip is disabled) - results in improved
noise performance;
3
led_out1above2
0R
Measure the voltage difference between LED_OUT1
vs.LED_OUT2 during operation of the DCDC
0
1
V(LED_OUT1) > V(LED_OUT2) +
VLED_OUTCOMP_HYST
Table 14. Fault Register (Continued)
Addr: 8
Fault Register
This register identifies all the different fault conditions and provide
information about the LED detection
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com