Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3648 Datasheet(PDF) 25 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 25 Page - ams AG

Back Button AS3648 Datasheet HTML 21Page - ams AG AS3648 Datasheet HTML 22Page - ams AG AS3648 Datasheet HTML 23Page - ams AG AS3648 Datasheet HTML 24Page - ams AG AS3648 Datasheet HTML 25Page - ams AG AS3648 Datasheet HTML 26Page - ams AG AS3648 Datasheet HTML 27Page - ams AG AS3648 Datasheet HTML 28Page - ams AG AS3648 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
24 - 38
AS3648
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
7:4
flash_txmask_current
2
6h
R/W
Define the current on pin LED_OUT1/2 in flash mode if
ext_torch_on=01 and TXMASK/TORCH=1
0h
0mA
1h
57mA (62.7mA if current_boost=1)
2h
113mA (125.5mA if current_boost=1)
3h
169mA (188.2mA if current_boost=1)
4h
226mA (251mA if current_boost=1)
5h
282mA (313.7mA if current_boost=1)
6h
339mA (376.5mA if current_boost=1)- default
7h
395mA (439.2mA if current_boost=1)
8h
452mA (502mA if current_boost=1)
9h
508mA (564.7mA if current_boost=1)
Ah
565mA (627.5mA if current_boost=1)
Bh
621mA (690.2mA if current_boost=1)
Ch
678mA (752.9mA if current_boost=1)
Dh
734mA (815.7mA if current_boost=1)
Eh
791mA (878.4mA if current_boost=1)
Fh
847mA (941.2mA if current_boost=1)
1. The MSB bit of this register not used to protect the LED; therefore the maximum current = half the maximum
flash current
2. If current_boost=1, the LED current is increased by 11%.
Table 9. TXMask Register (Continued)
Addr: 3
TXMask Register
This register defines the TXMask settings and coil peak current
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com