Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3648 Datasheet(PDF) 4 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 4 Page - ams AG

  AS3648 Datasheet HTML 1Page - ams AG AS3648 Datasheet HTML 2Page - ams AG AS3648 Datasheet HTML 3Page - ams AG AS3648 Datasheet HTML 4Page - ams AG AS3648 Datasheet HTML 5Page - ams AG AS3648 Datasheet HTML 6Page - ams AG AS3648 Datasheet HTML 7Page - ams AG AS3648 Datasheet HTML 8Page - ams AG AS3648 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
3 - 38
AS3648
Datasheet, Confidential - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Table 4, “Electrical
Characteristics,” on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VIN to GND
-0.3
+7.0
V
STROBE, TXMASK/TORCH, SCL, SDA to
GND
-0.3
VIN +
0.3
Vmax. +7V
SW1/2, VOUT1/2, LED_OUT1/2 to GND
-0.3
+7.0
V
VOUT1/2 to SW1/2
-0.3
V
Note: Diode between VOUT1/2 and
SW1/2
voltage between GND pins
0.0
0.0
V
short connection recommended
Input Pin Current without causing latchup
-100
+100
+IIN
mA
Norm: EIA/JESD78
Continuous Power Dissipation (TA = +70ºC)
Continuous power dissipation
1230
mW
PT at 70ºC
1
1. Depending on actual PCB layout and PCB used measured on demoboard; for peak power dissipation during
flashing see document 'AS3648 Thermal Measurements'
Continuous power dissipation derating factor
16.7
mW/ºC
PDERATE
2
2. PDERATE derating factor changes the total continuous power dissipation (PT) if the ambient temperature is not
70ºC. Therefore for e.g. TAMB=85ºC calculate PT at 85ºC = PT - PDERATE * (85ºC - 70ºC)
Electrostatic Discharge
ESD HBM
pins LED_OUT1/2
3
3. Pins LED_OUT1 connected to LED_OUT2 and capacitor CVOUT connected to VOUT1/2 and GND; both GND
pins connected together
±8000
V
Norm: JEDEC JESD22-A114F
ESD HBM
±2000
V
ESD CDM
±500
V
Norm: JEDEC JESD 22-C101E
ESD MM
±100
V
Norm: JEDEC JESD 22-A115-B
Temperature Ranges and Storage Conditions
Junction to ambient thermal resistance
60
4
4. Measured on AS3648 Demoboard.
ºC/W
For more information about thermal
metrics, see application note AN01
Thermal Characteristics
Junction Temperature
+150
ºC
Internally limited (overtemperature
protection), max. 20000s
Storage Temperature Range
-55
+125
ºC
Humidity
5
85
%
Non condensing
Body Temperature during Soldering
+260
ºC
according to IPC/JEDEC J-STD-020
Moisture Sensitivity Level (MSL)
MSL 1
Represents a max. floor life time of
unlimited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com